Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADAV4622BSTZ Datasheet HTML 11Page - Analog Devices ADAV4622BSTZ Datasheet HTML 12Page - Analog Devices ADAV4622BSTZ Datasheet HTML 13Page - Analog Devices ADAV4622BSTZ Datasheet HTML 14Page - Analog Devices ADAV4622BSTZ Datasheet HTML 15Page - Analog Devices ADAV4622BSTZ Datasheet HTML 16Page - Analog Devices ADAV4622BSTZ Datasheet HTML 17Page - Analog Devices ADAV4622BSTZ Datasheet HTML 18Page - Analog Devices ADAV4622BSTZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADAV4622
Rev. B | Page 15 of
28
Pin No.
Mnemonic
Description
68
AVDD
DAC Supply (3.3 V).
69
AGND
DAC Ground.
70
AGND
DAC Ground.
71
AVDD
DAC Supply (3.3 V).
72
AUXOUT1L
Left Auxiliary Output 1.
73
AUXOUT1R
Right Auxiliary Output 1.
74
AUXOUT2L
Left Auxiliary Output 2.
75
AUXOUT2R
Right Auxiliary Output 2.
76
AUXIN2L
Left Auxiliary Input 2.
77
AUXIN2R
Right Auxiliary Input 2.
78
AUXIN1L
Left Auxiliary Input 1.
79
AUXIN1R
Right Auxiliary Input 1.
80
ISET
ADC Current Setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com