Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADAV4622BSTZ Datasheet HTML 14Page - Analog Devices ADAV4622BSTZ Datasheet HTML 15Page - Analog Devices ADAV4622BSTZ Datasheet HTML 16Page - Analog Devices ADAV4622BSTZ Datasheet HTML 17Page - Analog Devices ADAV4622BSTZ Datasheet HTML 18Page - Analog Devices ADAV4622BSTZ Datasheet HTML 19Page - Analog Devices ADAV4622BSTZ Datasheet HTML 20Page - Analog Devices ADAV4622BSTZ Datasheet HTML 21Page - Analog Devices ADAV4622BSTZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADAV4622
Rev. B | Page 18 of
28
TERMINOLOGY
Dynamic Range
The ratio of a full-scale input signal to the integrated input
noise in the pass band (20 Hz to 20 kHz), expressed in decibels
(dB). Dynamic range is measured with a −60 dB input signal
and is equal to (S/[THD+N]) + 60 dB. Note that spurious
harmonics are below the noise with a −60 dB input, so the noise
level establishes the dynamic range. The dynamic range is
specified with and without an A-weight filter applied.
Pass Band
The region of the frequency spectrum unaffected by the
attenuation of the digital decimator’s filter.
Pass-Band Ripple
The peak-to-peak variation in amplitude response from equal
amplitude input signal frequencies within the pass band,
expressed in decibels.
Stop Band
The region of the frequency spectrum attenuated by the digital
decimator’s filter to the degree specified by stop-band
attenuation.
Gain Error
With a near full-scale input, the ratio of the actual output to the
expected output, expressed in dB.
Interchannel Gain Mismatch
With identical near full-scale inputs, the ratio of the outputs of
the two stereo channels, expressed in decibels.
Crosstalk
Ratio of response on one channel with a grounded input to a
full-scale 1 kHz sine wave input on the other channel, expressed
in decibels.
Power Supply Rejection
With no analog input, the signal present at the output when a
300 mV p-p signal is applied to power supply pins, expressed
in decibels of full scale.
Group Delay
Intuitively, the time interval required for an input pulse to
appear at the converter’s output, expressed in milliseconds (ms).
More precisely, the derivative of radian phase with respect to
radian frequency at a given frequency.
SIF Input Isolation
The level of the crosstalk between the SIF inputs in dB.
FM Limiting Sensitivity
FM limiting sensitivity is given by the modulated carrier level
that gives half the power to the FM demodulator’s output
amplitude comparing to that when the carrier level satisfies
the demodulator’s limiting level.
Deviation Mode
In some regions, the transmitted signal can deviate from the
specification. In order for the ADAV4622 to decode these high
deviation signals correctly, the appropriate modulation level
must be selected.
AM Rejection Ratio
AM rejection ratio is given by the ratio of FM (deviation = 54%)
demodulated audio level vs. residual AM (modulation = 27%)
demodulated audio level at the same carrier level. It is the ability
of the receiver to not mistake an AM signal for an FM signal.
AM Sensitivity
AM sensitivity is a measure of how well the receiver picks up
very weak AM signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com