Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV4622BSTZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADAV4622BSTZ
Description  Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV4622BSTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAV4622BSTZ Datasheet HTML 6Page - Analog Devices ADAV4622BSTZ Datasheet HTML 7Page - Analog Devices ADAV4622BSTZ Datasheet HTML 8Page - Analog Devices ADAV4622BSTZ Datasheet HTML 9Page - Analog Devices ADAV4622BSTZ Datasheet HTML 10Page - Analog Devices ADAV4622BSTZ Datasheet HTML 11Page - Analog Devices ADAV4622BSTZ Datasheet HTML 12Page - Analog Devices ADAV4622BSTZ Datasheet HTML 13Page - Analog Devices ADAV4622BSTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADAV4622
Rev. B | Page 10 of
28
TIMING DIAGRAMS
MCLKI
RESET
tMP = 1/fMCLKI
tRESET
Figure 2. Master Clock and Reset Timing
tJIT
tCH
tCL
tCK
DVDD
GND
Figure 3. Master Clock Output Timing
LRCLK1
BCLK1
SDINx
SDO0
tSLS
tSLH
tSDS tSDH
tSDD
Figure 4. Serial Port Slave Mode Timing
LRCLK1
BCLK1
SDINx
SDO0
tMLD
tMDS tMDH
tMDD
Figure 5. Serial Port Master Mode Timing
ODVDD
100µA
IOL
100µA
IOH
TO OUTPUT
PIN
50pF
Figure 6. Load Circuit for Digital Output Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com