Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet(PDF) 12 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 8Page - Analog Devices ADXL375 Datasheet HTML 9Page - Analog Devices ADXL375 Datasheet HTML 10Page - Analog Devices ADXL375 Datasheet HTML 11Page - Analog Devices ADXL375 Datasheet HTML 12Page - Analog Devices ADXL375 Datasheet HTML 13Page - Analog Devices ADXL375 Datasheet HTML 14Page - Analog Devices ADXL375 Datasheet HTML 15Page - Analog Devices ADXL375 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADXL375
Data Sheet
Rev. 0 | Page 12 of 32
Trigger Mode
In trigger mode, the FIFO buffer accumulates samples, storing
the latest 32 samples from measurements of the x-, y-, and z-axes.
After a trigger event occurs, an interrupt is sent to the INT1 or
INT2 pin (determined by the trigger bit in the FIFO_CTL register),
and the FIFO_TRIG bit (Bit D7) is set in the FIFO_STATUS
register (Address 0x39).
The FIFO buffer keeps the last n samples (n is the value specified
by the samples bits in the FIFO_CTL register) and then operates
in FIFO mode, collecting new samples only when the FIFO buffer
is not full. A delay of at least 5 µs must elapse between the occur-
rence of the trigger event and the start of data readback from the
FIFO buffer to allow the buffer to discard and retain the necessary
samples.
Additional trigger events cannot be recognized until the part is
reset to trigger mode. To reset the part to trigger mode,
1. If desired, read data from the FIFO buffer (see the Retrieving
Data from the FIFO Buffer section).
Before resetting the part to trigger mode, read back the
FIFO data; placing the device into bypass mode clears the
FIFO buffer.
2. Configure the device for bypass mode by setting Bits[D7:D6]
at Address 0x38 to 00.
3. Configure the device for trigger mode by setting Bits[D7:D6]
at Address 0x38 to 11.
Retrieving Data from the FIFO Buffer
When the FIFO buffer operates in FIFO, stream, or trigger mode,
FIFO data can be read from the data registers (Address 0x32 to
Address 0x37). Each time data is read from the FIFO buffer, the
oldest x-, y-, and z-axis data is moved into the DATAX, DATAY,
and DATAZ registers.
If a single-byte read operation is performed, the remaining bytes
of data for the current FIFO sample are lost. Therefore, data for
all axes of interest must be read in a burst (multiple-byte) read
operation. To ensure that the FIFO buffer is empty (that is, all
new data has moved into the data registers), an interval of at
least 5 µs must elapse between the end of the readback from the
data registers and the start of a new read of the data registers or
the FIFO_STATUS register (Address 0x39). The end of a read
operation from the data registers is signified by the transition
from Register 0x37 to Register 0x38 or by the CS pin going high.
When SPI operation is enabled at a frequency of 1.6 MHz or
lower, the register addressing portion of the transmission provides
a sufficient delay to ensure that the FIFO buffer has completely
emptied. When SPI operation is enabled at a frequency higher
than 1.6 MHz, the CS pin must be deasserted to ensure a total
delay of 5 µs; otherwise, the delay is not sufficient. When SPI
operation is enabled at 5 MHz, the total delay necessary is at
most 3.4 µs.
When I2C mode is enabled on the part, the communication rate
is low enough to ensure a sufficient delay between FIFO reads.
SELF-TEST
The ADXL375 incorporates a self-test feature that effectively
tests its mechanical and electronic systems simultaneously. When
the self-test function is enabled (via the SELF_TEST bit in the
DATA_FORMAT register, Address 0x31), an electrostatic force
is exerted on the mechanical sensor.
This electrostatic force moves the mechanical sensing element in
the same manner as acceleration, and it is additive to the external
acceleration experienced by the device. This added electrostatic
force results in an output change in the x-, y-, and z-axes. Because
the electrostatic force is proportional to VS2, the output change
varies with VS.
The self-test response in the x- and y-axes exhibits bimodal
behavior and, therefore, is not always a reliable indicator of
sensor health or potential shift in device sensitivity. For this
reason, perform the self-test check in the z-axis.
Use of the self-test feature at data rates of less than 100 Hz or at
1600 Hz may yield values outside the limits shown in Figure 16.
For the self-test function to operate correctly, the part must be in
normal power operation (LOW_POWER bit = 0 in the BW_RATE
register, Address 0x2C) and be configured for a data rate from
100 Hz to 800 Hz, or for a data rate of 3200 Hz (see Table 6).
For more information about the self-test feature, see the Using
Self-Test section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com