Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet(PDF) 32 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 24Page - Analog Devices ADXL375 Datasheet HTML 25Page - Analog Devices ADXL375 Datasheet HTML 26Page - Analog Devices ADXL375 Datasheet HTML 27Page - Analog Devices ADXL375 Datasheet HTML 28Page - Analog Devices ADXL375 Datasheet HTML 29Page - Analog Devices ADXL375 Datasheet HTML 30Page - Analog Devices ADXL375 Datasheet HTML 31Page - Analog Devices ADXL375 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
ADXL375
Data Sheet
Rev. 0 | Page 32 of 32
OUTLINE DIMENSIONS
BOTTOM VIEW
TOP VIEW
END VIEW
SEATING
PLANE
1.00
0.95
0.85
5.00
BSC
3.00
BSC
PAD A1
CORNER
0.79
0.74
0.69
1
6
7
8
14
13
0.80
BSC
1.01
1.50
0.49
0.50
0.49
0.813 × 0.50
Figure 40. 14-Terminal Land Grid Array [LGA]
(CC-14-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Measurement
Range (g)
Specified
Voltage (V)
Package Description
Package
Option
ADXL375BCCZ
−40°C to +85°C
±200
2.5
14-Terminal Land Grid Array [LGA]
CC-14-1
ADXL375BCCZ-RL
−40°C to +85°C
±200
2.5
14-Terminal Land Grid Array [LGA]
CC-14-1
ADXL375BCCZ-RL7
−40°C to +85°C
±200
2.5
14-Terminal Land Grid Array [LGA]
CC-14-1
EVAL-ADXL375Z
−40°C to +85°C
Evaluation Board
EVAL-ADXL375Z-M
Inertial Sensor Evaluation System, Includes
ADXL375 Satellite
EVAL-ADXL375Z-S
ADXL375 Satellite, Standalone (can be used
with other inertial sensor evaluation systems)
1
Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11669-0-8/13(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com