Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet(PDF) 22 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 18Page - Analog Devices ADXL375 Datasheet HTML 19Page - Analog Devices ADXL375 Datasheet HTML 20Page - Analog Devices ADXL375 Datasheet HTML 21Page - Analog Devices ADXL375 Datasheet HTML 22Page - Analog Devices ADXL375 Datasheet HTML 23Page - Analog Devices ADXL375 Datasheet HTML 24Page - Analog Devices ADXL375 Datasheet HTML 25Page - Analog Devices ADXL375 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADXL375
Data Sheet
Rev. 0 | Page 22 of 32
ACT_x Enable and INACT_x Enable Bits
A setting of 1 for the ACT_x enable and INACT_x enable bits
enables x-, y-, or z-axis participation in detecting activity or
inactivity. A setting of 0 excludes the selected axis from participa-
tion. If all axes are excluded, the function is disabled. For activity
detection, all participating axes are logically OR’ed, causing the
activity function to be triggered when any participating axis
exceeds the activity threshold. For inactivity detection, all parti-
cipating axes are logically AND’ed, causing the inactivity function
to be triggered only if all participating axes are below the inactivity
threshold for the specified time.
Register 0x2A—SHOCK_AXES (Read/Write)
D7
D6
D5
D4
0
0
0
0
D3
D2
D1
D0
Suppress SHOCK_X enable SHOCK_Y enable SHOCK_Z enable
The SHOCK_AXES register specifies the participation of each
of the three axes in single shock/double shock detection.
Suppress Bit
Setting the suppress bit suppresses double shock detection if
acceleration greater than the value in the THRESH_SHOCK
register is present during the latency time between shocks. For
more information, see the Shock Detection section.
SHOCK_x Enable Bits
A setting of 1 in the SHOCK_X enable, SHOCK_Y enable, or
SHOCK_Z enable bit enables x-, y-, or z-axis participation in
shock detection. A setting of 0 excludes the selected axis from
participation in shock detection.
Register 0x2B—ACT_SHOCK_STATUS (Read Only)
D7
D6
D5
D4
0
ACT_X source
ACT_Y source
ACT_Z source
D3
D2
D1
D0
Asleep
SHOCK_X source SHOCK_Y source SHOCK_Z source
The read-only ACT_SHOCK_STATUS register indicates the
first axis involved in an activity or shock event.
ACT_x Source and SHOCK_x Source Bits
The ACT_x source and SHOCK_x source bits indicate the
first axis involved in an activity or shock event. A setting of 1
corresponds to involvement in the event; a setting of 0 corre-
sponds to no involvement. When new data is available, these
bits are not cleared but are overwritten by the new data. Read
the ACT_SHOCK_STATUS register before clearing the inter-
rupt. Disabling an axis from participation in activity or shock
events clears the corresponding source bit in this register when
the next activity or single shock/double shock event occurs.
Asleep Bit
A setting of 1 in the asleep bit indicates that the part is asleep; a
setting of 0 indicates that the part is not asleep. This bit toggles
only if the device is configured for autosleep. For more informa-
tion about the autosleep mode, see the AUTO_SLEEP Bit section.
Register 0x2C—BW_RATE (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
LOW_POWER
Rate
The BW_RATE register configures the device bandwidth
and output data rate; this register also enables and disables
low power mode.
LOW_POWER Bit
A setting of 0 in the LOW_POWER bit selects normal opera-
tion; a setting of 1 selects reduced power operation, which has
somewhat higher noise. For more information, see the Low
Power Mode section.
Rate Bits
The rate bits select the device bandwidth and output data rate
(see Table 6 and Table 8). The default value for these bits is 0x0A,
which translates to a 100 Hz output data rate. The selected output
data rate must be appropriate for the communication protocol
and frequency selected. Selecting an output data rate that is too
high for the communication speed may result in samples being
discarded (for more information, see the Serial Communications
section).
Register 0x2D—POWER_CTL (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
Link
AUTO_SLEEP Measure Sleep
Wakeup
The POWER_CTL register can be used to configure the device
for autosleep mode; this register is also used to set the device to
measurement mode or standby mode.
Link Bit
The link bit serially links the activity and inactivity functions. If
both the activity and inactivity functions are enabled, a setting of
1 in the link bit delays the start of the activity detection function
until inactivity is detected. After activity is detected, inactivity
detection begins, preventing the detection of activity. When this
bit is set to 0, the inactivity and activity functions are concurrent.
For more information about the link feature, see the Link Mode
section.
Before clearing the link bit, it is recommended that the part be
placed in standby mode (set the measure bit, Bit D3, to 0). After
clearing the link bit, reset the part to measurement mode (set the
measure bit, Bit D3, to 1). This configuration sequence ensures
that the device is properly biased if sleep mode is manually
disabled; otherwise, the first few samples of data after the link
bit is cleared may have additional noise, especially if the device
is asleep when the bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com