Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet(PDF) 14 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 10Page - Analog Devices ADXL375 Datasheet HTML 11Page - Analog Devices ADXL375 Datasheet HTML 12Page - Analog Devices ADXL375 Datasheet HTML 13Page - Analog Devices ADXL375 Datasheet HTML 14Page - Analog Devices ADXL375 Datasheet HTML 15Page - Analog Devices ADXL375 Datasheet HTML 16Page - Analog Devices ADXL375 Datasheet HTML 17Page - Analog Devices ADXL375 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADXL375
Data Sheet
Rev. 0 | Page 14 of 32
Inactivity Bit
The inactivity bit is set when acceleration less than the value stored
in the THRESH_INACT register (Address 0x25) is experienced
for more time than is specified by the TIME_INACT register
(Address 0x26) on all participating axes. Participating axes are
specified by the ACT_INACT_CTL register (Address 0x27). The
maximum value for TIME_INACT is 255 sec.
Watermark Bit
The watermark bit is set when the number of samples in the FIFO
buffer equals the value stored in the samples bits (Bits[D4:D0])
of the FIFO_CTL register (Address 0x38). The watermark bit
is cleared automatically when the FIFO buffer is read and the
FIFO contents return to a value below the value specified by the
samples bits.
Overrun Bit
The overrun bit is set when new data replaces unread data. The
precise operation of the overrun function depends on the FIFO
mode (see the FIFO Buffer section).
•
In bypass mode, the overrun bit is set when new data
replaces unread data in the data registers (Address 0x32
to Address 0x37).
•
In FIFO mode, stream mode, and trigger mode, the
overrun bit is set when the FIFO buffer is full.
The overrun bit is automatically cleared when the FIFO buffer
contents are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com