Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet(PDF) 24 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 20Page - Analog Devices ADXL375 Datasheet HTML 21Page - Analog Devices ADXL375 Datasheet HTML 22Page - Analog Devices ADXL375 Datasheet HTML 23Page - Analog Devices ADXL375 Datasheet HTML 24Page - Analog Devices ADXL375 Datasheet HTML 25Page - Analog Devices ADXL375 Datasheet HTML 26Page - Analog Devices ADXL375 Datasheet HTML 27Page - Analog Devices ADXL375 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADXL375
Data Sheet
Rev. 0 | Page 24 of 32
Register 0x31—DATA_FORMAT (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
SELF_TEST SPI
INT_INVERT 0
1
Justify
1
1
The DATA_FORMAT register controls the presentation of data
to Register 0x32 through Register 0x37.
SELF_TEST Bit
A setting of 1 in the SELF_TEST bit applies a self-test force to the
sensor, causing a shift in the output data. A value of 0 disables the
self-test force. For more information about the self-test function,
see the Self-Test section and the Using Self-Test section.
SPI Bit
A value of 1 in the SPI bit configures the device for 3-wire SPI
mode; a value of 0 configures the device for 4-wire SPI mode.
INT_INVERT Bit
A value of 0 in the INT_INVERT bit sets the polarity of the
interrupt pins to active high; a value of 1 sets the polarity of
the interrupt pins to active low.
Justify Bit
A setting of 1 in the justify bit selects left justified (MSB) mode; a
setting of 0 selects right justified (LSB) mode with sign extension.
Register 0x32 to Register 0x37—DATAX0, DATAX1,
DATAY0, DATAY1, DATAZ0, DATAZ1 (Read Only)
These six bytes (Register 0x32 to Register 0x37) are each eight
bits in length and contain the output data for each axis.
•
Register 0x32 and Register 0x33 contain the output data
for the x-axis.
•
Register 0x34 and Register 0x35 contain the output data
for the y-axis.
•
Register 0x36 and Register 0x37 contain the output data
for the z-axis.
The output data is in twos complement format. DATAx0 is
the least significant byte, and DATAx1 is the most significant
byte (x represents X, Y, or Z). The DATA_FORMAT register
(Address 0x31) controls the format of the data. It is recommended
that a multiple-byte read of all six registers be performed to
prevent a change in data between reads of sequential registers.
When using the 3200 Hz or 1600 Hz output data rate, the LSB of
the output data-word is always 0. When the data is right justified,
the LSB corresponds to Bit D0 of the DATAx0 register; when the
data is left justified, the LSB corresponds to Bit D3 of the DATAx0
register.
Register 0x38—FIFO_CTL (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
FIFO_MODE
Trigger
Samples
The FIFO_CTL register is used to configure the FIFO buffer for
the device. For more information, see the FIFO Buffer section.
For an in-depth description of the FIFO buffer, see the AN-1025
Application Note, Utilization of the First In, First Out (FIFO) Buffer
in Analog Devices, Inc., Digital Accelerometers.
FIFO_MODE Bits
These bits set the FIFO mode, as described in Table 17.
Table 17. FIFO Modes
Setting
FIFO
Mode
D7
D6
Description
0
0
Bypass
FIFO buffer is bypassed.
0
1
FIFO
FIFO buffer collects up to 32 samples and
then stops collecting data, collecting new
data only when the buffer is not full.
1
0
Stream
FIFO buffer holds the last 32 samples.
When the buffer is full, the oldest data
is overwritten with newer data.
1
1
Trigger
FIFO buffer holds the last samples before
the trigger event and continues to collect
data until full. New data is collected only
when the buffer is not full.
Trigger Bit
A value of 0 in the trigger bit links the trigger event of trigger
mode to the INT1 pin, and a value of 1 links the trigger event
to the INT2 pin.
Samples Bits
The function of the samples bits depends on the FIFO mode
selected (see Table 18). Entering a value of 0 in the samples bits
immediately sets the watermark bit in the INT_SOURCE register,
regardless of the FIFO mode selected. Undesirable operation may
occur if a value of 0 is used for the samples bits when trigger
mode is used.
Table 18. Samples Bits Functions
FIFO Mode
Samples Bits Function
Bypass
None.
FIFO
Specifies how many FIFO entries are needed to
trigger a watermark interrupt.
Stream
Specifies how many FIFO entries are needed to
trigger a watermark interrupt.
Trigger
Specifies how many FIFO samples are retained in
the FIFO buffer before a trigger event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com