Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet(PDF) 13 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 9Page - Analog Devices ADXL375 Datasheet HTML 10Page - Analog Devices ADXL375 Datasheet HTML 11Page - Analog Devices ADXL375 Datasheet HTML 12Page - Analog Devices ADXL375 Datasheet HTML 13Page - Analog Devices ADXL375 Datasheet HTML 14Page - Analog Devices ADXL375 Datasheet HTML 15Page - Analog Devices ADXL375 Datasheet HTML 16Page - Analog Devices ADXL375 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADXL375
Rev. 0 | Page 13 of 32
INTERRUPTS
The ADXL375 provides two output pins for driving interrupts:
INT1 and INT2. Both interrupt pins are push-pull, low impedance
pins (see Table 10 for output specifications). The default config-
uration of the interrupt pins is active high. The polarity can be
changed to active low by setting the INT_INVERT bit (Bit D5)
in the DATA_FORMAT register (Address 0x31). All interrupt
functions can be enabled simultaneously, but some functions
may need to share the same interrupt pin.
ENABLING AND DISABLING INTERRUPTS
Interrupts are enabled by setting the appropriate bits in the
INT_ENABLE register (Address 0x2E); the interrupt is mapped
to the INT1 pin or the INT2 pin based on the contents of the
INT_MAP register (Address 0x2F). When the user configures
the interrupt pins for the first time, it is recommended that the
functions and interrupt mapping be configured before the
interrupts are enabled.
When changing the configuration of an interrupt, follow this
procedure.
1. Disable the interrupt by clearing the bit corresponding
to the function in the INT_ENABLE register.
2. Reconfigure the interrupt function.
3. Reenable the interrupt in the INT_ENABLE register.
Configuration of the functions while the interrupts are disabled
helps to prevent the accidental generation of an interrupt.
CLEARING INTERRUPTS
The interrupt functions are latched and can be cleared as follows:
1. Read the data registers (Address 0x32 to Address 0x37)
to clear the data-related interrupts.
2. Read the INT_SOURCE register (Address 0x30) to clear
the remaining interrupts.
BITS IN THE INTERRUPT REGISTERS
This section describes the interrupts that can be set in the
INT_ENABLE register (Address 0x2E) and monitored in the
INT_SOURCE register (Address 0x30).
For an in-depth description of the FIFO buffer and the inter-
rupt bits, see the AN-1025 Application Note, Utilization of the
First In, First Out (FIFO) Buffer in Analog Devices, Inc., Digital
Accelerometers.
DATA_READY Bit
The DATA_READY bit is set when new data is available and
is cleared when no new data is available.
SINGLE_SHOCK Bit
The SINGLE_SHOCK bit is set when a single acceleration event
that is greater than the value in the THRESH_SHOCK register
(Address 0x1D) occurs for less time than is specified by the DUR
register (Address 0x21). For more information, see the Shock
Detection section.
DOUBLE_SHOCK Bit
The DOUBLE_SHOCK bit is set when two acceleration events
that are greater than the value in the THRESH_SHOCK register
(Address 0x1D) occur for less time than is specified by the DUR
register (Address 0x21). The second shock event starts after the
time specified by the latent register (Address 0x22) but within
the time specified by the window register (Address 0x23). For
more information, see the Shock Detection section.
Activity Bit
The activity bit is set when acceleration greater than the value
stored in the THRESH_ACT register (Address 0x24) is experi-
enced on any participating axis. Participating axes are specified
by the ACT_INACT_CTL register (Address 0x27).
Table 10. Interrupt Pin Digital Output Specifications
Limit1
Parameter
Test Conditions/Comments
Min
Max
Unit
DIGITAL OUTPUT
Low Level Output Voltage (VOL)
IOL = 300 µA
0.2 × VDD I/O
V
High Level Output Voltage (VOH)
IOH = −150 µA
0.8 × VDD I/O
V
Low Level Output Current (IOL)
VOL = VOL, MAX
300
µA
High Level Output Current (IOH)
VOH = VOH, MIN
−150
µA
PIN CAPACITANCE
fIN = 1 MHz, VS = 2.5 V
8
pF
RISE/FALL TIME
CLOAD = 150 pF
Rise Time (tR)2
210
ns
Fall Time (tF)3
150
ns
1
Limits based on characterization results; not production tested.
2
Rise time is measured as the transition time from VOL,MAX to VOH, MIN of the interrupt pin.
3
Fall time is measured as the transition time from VOH,MIN to VOL,MAX of the interrupt pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com