Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet(PDF) 27 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 23Page - Analog Devices ADXL375 Datasheet HTML 24Page - Analog Devices ADXL375 Datasheet HTML 25Page - Analog Devices ADXL375 Datasheet HTML 26Page - Analog Devices ADXL375 Datasheet HTML 27Page - Analog Devices ADXL375 Datasheet HTML 28Page - Analog Devices ADXL375 Datasheet HTML 29Page - Analog Devices ADXL375 Datasheet HTML 30Page - Analog Devices ADXL375 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADXL375
Rev. 0 | Page 27 of 32
Several events invalidate the second shock of a double shock event.
•
If the suppress bit in the SHOCK_AXES register (Bit D3,
Address 0x2A) is set, any acceleration spike above the
threshold during the latency time (set by the latent register)
invalidates the double shock detection (see Figure 34).
INVALIDATES DOUBLE SHOCK IF
SUPPRESS BIT SET
TIME WINDOW FOR SECOND
SHOCK (WINDOW)
LATENCY
TIME (LATENT)
TIME LIMIT
FOR SHOCKS
(DUR)
Figure 34. Double Shock Event Invalid Due to High g Event
When the Suppress Bit Is Set
•
A double shock event can be invalidated if acceleration
above the threshold is detected at the start of the time
window for the second shock (set by the window register),
resulting in an invalid double shock at the start of this
window (see Figure 35).
•
A double shock event can be invalidated if acceleration
exceeds the time limit for shocks (set by the DUR register),
resulting in an invalid double shock at the end of the DUR
time limit for the second shock event (see Figure 35).
INVALIDATES DOUBLE SHOCK
AT START OF WINDOW
TIME WINDOW FOR
SECOND SHOCK (WINDOW)
LATENCY
TIME
(LATENT)
INVALIDATES
DOUBLE SHOCK AT
END OF DUR
TIME LIMIT
FOR SHOCKS
(DUR)
TIME LIMIT
FOR SHOCKS
(DUR)
TIME LIMIT
FOR SHOCKS
(DUR)
Figure 35. Shock Interrupt Function with Invalid Double Shocks
Single shocks, double shocks, or both can be detected by setting
the appropriate bits in the INT_ENABLE register (Address 0x2E).
Participation of each of the three axes in single shock/double
shock detection is controlled by setting the appropriate bits in
the SHOCK_AXES register (Address 0x2A). For the double
shock function to operate, both the latent and window registers
must be set to a nonzero value.
Every mechanical system has somewhat different shock responses
based on the mechanical characteristics of the system. Therefore,
some experimentation with values for the DUR, latent, window,
and THRESH_SHOCK registers is required.
Setting a very low value in the latent, window, or THRESH_
SHOCK register can result in unpredictable responses due to
the accelerometer picking up echoes of the shock inputs.
After a shock interrupt is received, the first axis to exceed the
THRESH_SHOCK level is reported in the ACT_SHOCK_
STATUS register (Address 0x2B). This register is never cleared
but is overwritten with new data.
THRESHOLD DETECTION AND BANDWIDTH
Lower output data rates are achieved by decimating a common
sampling frequency inside the device. The activity and single
shock/double shock detection functions are performed using
undecimated data. Because the bandwidth of the output data
varies with the data rate and is lower than the bandwidth of the
undecimated data, the high frequency and high g data that is used
to determine activity and single shock/double shock events may
not be present if the output of the accelerometer is examined. This
may result in the triggering of these functions when acceleration
data does not appear to meet the conditions set by the user for
the corresponding function.
LINK MODE
The link bit (Bit D5) in the POWER_CTL register (Address 0x2D)
can be used to reduce the number of activity interrupts that the
processor must service. The link bit configures the device to look
for activity only after inactivity.
For proper operation of this feature, the processor must still
respond to the activity and inactivity interrupts by reading the
INT_SOURCE register (Address 0x30) and, therefore, clearing
the interrupts. If an activity interrupt is not cleared, the part
cannot enter autosleep mode. The asleep bit (Bit D3) in the
ACT_SHOCK_STATUS register (Address 0x2B) indicates
whether the part is asleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com