Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet(PDF) 23 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 19Page - Analog Devices ADXL375 Datasheet HTML 20Page - Analog Devices ADXL375 Datasheet HTML 21Page - Analog Devices ADXL375 Datasheet HTML 22Page - Analog Devices ADXL375 Datasheet HTML 23Page - Analog Devices ADXL375 Datasheet HTML 24Page - Analog Devices ADXL375 Datasheet HTML 25Page - Analog Devices ADXL375 Datasheet HTML 26Page - Analog Devices ADXL375 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADXL375
Rev. 0 | Page 23 of 32
AUTO_SLEEP Bit
If the link bit is set, a setting of 1 in the AUTO_SLEEP bit
enables the autosleep function. In autosleep mode, the ADXL375
automatically switches to sleep mode if the inactivity function is
enabled and inactivity is detected (that is, when acceleration is
below the THRESH_INACT value for at least the time specified
by the TIME_INACT value). If activity detection is also enabled,
the ADXL375 automatically wakes up from sleep after detecting
activity and returns to operation at the output data rate set in
the BW_RATE register. A setting of 0 in the AUTO_SLEEP bit
disables automatic switching to sleep mode.
If the link bit is not set, the AUTO_SLEEP feature is disabled and
setting the AUTO_SLEEP bit has no effect on device operation.
For more information about the link feature, see the Link Bit
section and the Link Mode section. For more information about
autosleep mode, see the Autosleep Mode section.
Before clearing the AUTO_SLEEP bit, it is recommended that the
part be placed in standby mode (set the measure bit, Bit D3, to 0).
After clearing the AUTO_SLEEP bit, reset the part to measure-
ment mode (set the measure bit, Bit D3, to 1). This configuration
sequence ensures that the device is properly biased if sleep mode
is manually disabled; otherwise, the first few samples of data after
the AUTO_SLEEP bit is cleared may have additional noise,
especially if the device is asleep when the bit is cleared.
Measure Bit
A setting of 0 in the measure bit places the part into standby
mode; a setting of 1 places the part into measurement mode.
The ADXL375 powers up in standby mode with minimum
power consumption (see the Power Sequencing section).
Sleep Bit
A setting of 0 in the sleep bit places the part into the normal
mode of operation; a setting of 1 places the part into sleep mode.
Sleep mode suppresses the DATA_READY interrupt, stops trans-
mission of data to the FIFO buffer, and switches the sampling
rate to the rate specified by the wakeup bits (Bits[D1:D0]). In
sleep mode, only the activity function can be used. When the
DATA_READY interrupt is suppressed, the output data registers
(Register 0x32 to Register 0x37) are still updated at the sampling
rate set by the wakeup bits.
Before clearing the sleep bit, it is recommended that the part be
placed in standby mode (set the measure bit, Bit D3, to 0). After
clearing the sleep bit, reset the part to measurement mode (set the
measure bit, Bit D3, to 1).
Wakeup Bits
The wakeup bits control the sampling rate during sleep mode
(see Table 16).
Table 16. Sampling Rate in Sleep Mode
Setting
D1
D0
Frequency (Hz)
0
0
8
0
1
4
1
0
2
1
1
1
Register 0x2E—INT_ENABLE (Read/Write)
D7
D6
D5
D4
DATA_READY
SINGLE_SHOCK
DOUBLE_SHOCK
Activity
D3
D2
D1
D0
Inactivity
0
Watermark
Overrun
A setting of 1 for any bit in the INT_ENABLE register enables
the specified function to generate interrupts; a setting of 0 for
any bit in this register prevents the function from generating
interrupts. The DATA_READY, watermark, and overrun bits
enable only the interrupt output; the functions are always
enabled. It is recommended that interrupts be configured in
Register 0x2F before their outputs are enabled in this register.
For more information about the interrupts, see the Bits in the
Interrupt Registers section.
Register 0x2F—INT_MAP (Read/Write)
D7
D6
D5
D4
DATA_READY
SINGLE_SHOCK
DOUBLE_SHOCK
Activity
D3
D2
D1
D0
Inactivity
0
Watermark
Overrun
A setting of 0 for any bit in the INT_MAP register causes the
specified interrupt to be sent to the INT1 pin; a setting of 1 for
any bit in this register causes the specified interrupt to be sent to
the INT2 pin. All selected interrupts for a given pin are OR’ed.
Register 0x30—INT_SOURCE (Read Only)
D7
D6
D5
D4
DATA_READY
SINGLE_SHOCK
DOUBLE_SHOCK
Activity
D3
D2
D1
D0
Inactivity
X1
Watermark
Overrun
1
X = ignore this bit.
A setting of 1 for any bit in the INT_SOURCE register indicates
that the specified function has triggered an interrupt; a setting of
0 for any bit in this register indicates that the specified function
has not triggered an interrupt. The DATA_READY, watermark,
and overrun bits are always set if the corresponding interrupt
occurs, regardless of the settings in the INT_ENABLE register;
these bits are cleared by reading data from the data registers
(Address 0x32 to Address 0x37). The DATA_READY and water-
mark bits may require multiple reads to be cleared. Other bits,
and their corresponding interrupts, are cleared by reading the
INT_SOURCE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com