Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet(PDF) 25 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 21Page - Analog Devices ADXL375 Datasheet HTML 22Page - Analog Devices ADXL375 Datasheet HTML 23Page - Analog Devices ADXL375 Datasheet HTML 24Page - Analog Devices ADXL375 Datasheet HTML 25Page - Analog Devices ADXL375 Datasheet HTML 26Page - Analog Devices ADXL375 Datasheet HTML 27Page - Analog Devices ADXL375 Datasheet HTML 28Page - Analog Devices ADXL375 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
ADXL375
Rev. 0 | Page 25 of 32
Register 0x39—FIFO_STATUS (Read Only)
D7
D6
D5
D4
D3
D2
D1
D0
FIFO_TRIG
0
Entries
The read-only FIFO_STATUS register indicates whether a
trigger event has occurred and reports the number of data
values stored in the FIFO buffer.
FIFO_TRIG Bit
When the FIFO_TRIG bit is set to 1, a trigger event has occurred;
when the FIFO_TRIG bit is set to 0, no trigger event has occurred.
Entries Bits
The entries bits report how many data values are stored in the
FIFO buffer. The data stored in the FIFO buffer is accessed by
reading the data registers (Address 0x32 to Address 0x37). FIFO
reads must be done in burst mode (multiple-byte mode) because
each FIFO level is cleared after any read (single- or multiple-
byte) of the FIFO buffer. The FIFO buffer stores a maximum of
32 entries, which equates to a maximum of 33 entries available
at any given time because an additional entry is available at the
output filter of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com