Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet(PDF) 26 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 22Page - Analog Devices ADXL375 Datasheet HTML 23Page - Analog Devices ADXL375 Datasheet HTML 24Page - Analog Devices ADXL375 Datasheet HTML 25Page - Analog Devices ADXL375 Datasheet HTML 26Page - Analog Devices ADXL375 Datasheet HTML 27Page - Analog Devices ADXL375 Datasheet HTML 28Page - Analog Devices ADXL375 Datasheet HTML 29Page - Analog Devices ADXL375 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADXL375
Data Sheet
Rev. 0 | Page 26 of 32
APPLICATIONS INFORMATION
POWER SUPPLY DECOUPLING
A 1 µF tantalum capacitor (CS) at VS and a 0.1 µF ceramic capac-
itor (CI/O) at VDD I/O placed close to the ADXL375 supply pins are
recommended to adequately decouple the accelerometer from
noise on the power supply. If additional decoupling is necessary,
a resistor or ferrite bead (no larger than 100 Ω) in series with VS
may be helpful. Additionally, increasing the bypass capacitance
on VS to a 10 µF tantalum capacitor in parallel with a 0.1 µF
ceramic capacitor may also improve noise performance.
Make sure that the connection from the ADXL375 ground to
the power supply ground has low impedance because noise trans-
mitted through ground has an effect similar to noise transmitted
through VS. It is recommended that VS and VDD I/O be separate
supplies to minimize digital clocking noise on the VS supply. If
it is not possible to use separate supplies, additional filtering of
the supplies, as previously mentioned, may be necessary.
ADXL375
GND
INT1
INT2
CS
SCL/SCLK
SDO/ALT ADDRESS
SDA/SDI/SDIO
3- OR 4-WIRE
SPI OR I2C
INTERFACE
VS
VS
CS
VDD I/O
VDD I/O
CI/O
INTERRUPT
CONTROL
Figure 31. Application Diagram
MECHANICAL CONSIDERATIONS FOR MOUNTING
Mount the ADXL375 on the PCB in a location close to a hard
mounting point of the PCB to the case. Mounting the ADXL375
at an unsupported PCB location, as shown in Figure 32, may result
in large, apparent measurement errors due to undampened PCB
vibration. Locating the accelerometer near a hard mounting point
ensures that any PCB vibration at the accelerometer is above the
mechanical sensor resonant frequency of the accelerometer and
is, therefore, effectively invisible to the accelerometer. Multiple
mounting points, close to the sensor, and/or a thicker PCB also
help to reduce the effects of system resonance on the performance
of the sensor.
MOUNTING POINTS
PCB
ACCELEROMETERS
Figure 32. Incorrectly Placed Accelerometers
SHOCK DETECTION
The shock interrupt function can detect mechanical shock events
based on amplitude and pulse width. Figure 33 illustrates the
following parameters for a valid single shock event and a valid
double shock event.
•
Shock detection threshold—defined by the THRESH_
SHOCK register (Address 0x1D).
•
Maximum shock duration time (time limit for shocks)—
defined by the DUR register (Address 0x21).
•
Shock latency time—defined by the latent register (Address
0x22). The latency time is the waiting period from the end
of the first shock until the start of the time window, when a
second shock can be detected.
•
Time window for second shock—defined by the window
register (Address 0x23). The time window is the interval
after the latency time (set by the latent register). Although
a second shock must begin after the latency time expires, it
need not finish before the end of the time defined by the
window register.
FIRST SHOCK
TIME LIMIT FOR
SHOCKS (DUR)
LATENCY
TIME
(LATENT)
TIME WINDOW FOR
SECOND SHOCK
(WINDOW)
SECOND SHOCK
SINGLE SHOCK
INTERRUPT
DOUBLE SHOCK
INTERRUPT
THRESHOLD
(THRESH_SHOCK)
Figure 33. Shock Interrupt Function with Valid Single and Double Shocks
If only the single shock function is in use, the single shock
interrupt is triggered when the acceleration goes below the
threshold, as long as the duration time is not exceeded. If
both the single and double shock functions are in use, the
single shock interrupt is triggered when the double shock
event is either validated or invalidated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com