Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet(PDF) 17 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 13Page - Analog Devices ADXL375 Datasheet HTML 14Page - Analog Devices ADXL375 Datasheet HTML 15Page - Analog Devices ADXL375 Datasheet HTML 16Page - Analog Devices ADXL375 Datasheet HTML 17Page - Analog Devices ADXL375 Datasheet HTML 18Page - Analog Devices ADXL375 Datasheet HTML 19Page - Analog Devices ADXL375 Datasheet HTML 20Page - Analog Devices ADXL375 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADXL375
Rev. 0 | Page 17 of 32
Table 11. SPI Digital Input/Output Specifications
Limit1
Parameter
Test Conditions/Comments
Min
Max
Unit
DIGITAL INPUT
Low Level Input Voltage (VIL)
0.3 × VDD I/O
V
High Level Input Voltage (VIH)
0.7 × VDD I/O
V
Low Level Input Current (IIL)
VS = VDD I/O
0.1
µA
High Level Input Current (IIH)
VS = 0 V
−0.1
µA
DIGITAL OUTPUT
Low Level Output Voltage (VOL)
IOL = 10 mA
0.2 × VDD I/O
V
High Level Output Voltage (VOH)
IOH = −4 mA
0.8 × VDD I/O
V
Low Level Output Current (IOL)
VOL = VOL, MAX
10
mA
High Level Output Current (IOH)
VOH = VOH, MIN
−4
mA
PIN CAPACITANCE
fIN = 1 MHz, VS = 2.5 V
8
pF
1
Limits based on characterization results; not production tested.
Table 12. SPI Timing (TA = 25°C, VS = 2.5 V, VDDI/O = 1.8 V)1
Limit2, 3
Parameter
Min
Max
Unit
Description
fSCLK
5
MHz
SPI clock frequency
tSCLK
200
ns
Mark-space ratio (1/(SPI clock frequency)) for the SCLK input is 40/60 to 60/40
tDELAY
5
ns
CS falling edge to SCLK falling edge
tQUIET
5
ns
SCLK rising edge to CS rising edge
tDIS
10
ns
CS rising edge to SDO/SDIO disabled
tCS, DIS
150
ns
CS deassertion between SPI communications
tS
0.3 × tSCLK
ns
SCLK low pulse width (space)
tM
0.3 × tSCLK
ns
SCLK high pulse width (mark)
tSETUP
5
ns
SDI/SDIO valid before SCLK rising edge
tHOLD
5
ns
SDI/SDIO valid after SCLK rising edge
tSDO
40
ns
SCLK falling edge to SDO/SDIO output transition
tR4
20
ns
SDO/SDIO output high to output low transition
tF4
20
ns
SDO/SDIO output low to output high transition
1
The CS, SCLK, SDI, and SDO pins are not internally pulled up or down; they must be driven for proper operation.
2
Limits based on characterization results, with fSCLK = 5 MHz and bus load capacitance of 100 pF; not production tested.
3
The timing values are referred to the input thresholds (VIL and VIH) given in Table 11.
4
Output rise and fall times measured with capacitive load of 150 pF. tR and tF are not shown in Figure 25 to Figure 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com