Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet(PDF) 29 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 24Page - Analog Devices ADXL375 Datasheet HTML 25Page - Analog Devices ADXL375 Datasheet HTML 26Page - Analog Devices ADXL375 Datasheet HTML 27Page - Analog Devices ADXL375 Datasheet HTML 28Page - Analog Devices ADXL375 Datasheet HTML 29Page - Analog Devices ADXL375 Datasheet HTML 30Page - Analog Devices ADXL375 Datasheet HTML 31Page - Analog Devices ADXL375 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
ADXL375
Rev. 0 | Page 29 of 32
USING SELF-TEST
The self-test change is defined as the difference between the
acceleration output of an axis with self-test enabled and the
acceleration output of the same axis with self-test disabled. Due
to device filtering, the output reaches its final value after 4 × τ
when enabling or disabling self-test, where τ = 1/(data rate).
This definition assumes that the sensor does not move between
these two measurements; if the sensor moves, a non-self-test
related shift corrupts the test.
Proper configuration of the ADXL375 is necessary for an
accurate self-test measurement. To configure the part for self-
test, follow this procedure.
1. Set the data rate from 100 Hz to 800 Hz, or set the data rate
to 3200 Hz by writing to the rate bits (Bits[D3:D0]) in the
BW_RATE register (Address 0x2C). Write a value from
0x0A to 0x0D, or write 0x0F to the BW_RATE register.
2. For accurate self-test measurements, configure the part for
normal power operation by clearing the LOW_POWER bit
(Bit D4) in the BW_RATE register (Address 0x2C).
3. After the part is configured for accurate self-test measure-
ment, retrieve samples of x-, y-, and z-axis acceleration
data from the sensor and average them together.
The number of samples averaged is selected by the system
designer, but a recommended starting point is 0.1 sec worth
of data for data rates of 100 Hz or greater—that is, 10 samples
at the 100 Hz data rate.
4. Store the averaged values and label them appropriately
as the values with self-test disabled, that is, XST_OFF,
YST_OFF, and ZST_OFF.
5. Enable self-test by setting the SELF_TEST bit (Bit D7)
in the DATA_FORMAT register (Address 0x31).
The output requires some time (approximately four samples)
to settle after self-test is enabled.
6. After allowing the output to settle, retrieve samples of x-, y-,
and z-axis acceleration data and average them together.
It is recommended that the same number of samples be taken
for the self-test average as was done for the non-self-test
average.
7. Store the averaged values and label them appropriately
as the values with self-test enabled, that is, XST_ON,
YST_ON, and ZST_ON.
8. Disable self-test by clearing the SELF_TEST bit (Bit D7)
in the DATA_FORMAT register (Address 0x31).
With the stored values for self-test enabled and disabled, the
self-test change is as follows:
XST = XST_ON − XST_OFF
YST = YST_ON − YST_OFF
ZST = ZST_ON − ZST_OFF
Because the measured output for each axis is expressed in LSBs,
XST, YST, and ZST are also expressed in LSBs. These values can be
converted to acceleration (g) by multiplying each value by the
49 mg/LSB scale factor.
If the self-test change is within the valid range, the test is considered
successful. Generally, a part is considered to pass if the minimum
magnitude of change is achieved. However, a part that changes by
more than the maximum magnitude is not necessarily a failure.
The self-test response in the x- and y-axes exhibits bimodal
behavior and, therefore, is not always a reliable indicator of
sensor health or potential shift in device sensitivity. For this
reason, perform the self-test check in the z-axis.
Another effective method for using the self-test to verify accel-
erometer functionality is to toggle the self-test at a certain rate
and then perform an FFT on the output. The FFT should have
a corresponding tone at the frequency where the self-test was
toggled. Using an FFT in this way removes the dependency of
the test on supply voltage and self-test magnitude, which can
vary within a rather wide range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com