Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL375 Datasheet(PDF) 19 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 15Page - Analog Devices ADXL375 Datasheet HTML 16Page - Analog Devices ADXL375 Datasheet HTML 17Page - Analog Devices ADXL375 Datasheet HTML 18Page - Analog Devices ADXL375 Datasheet HTML 19Page - Analog Devices ADXL375 Datasheet HTML 20Page - Analog Devices ADXL375 Datasheet HTML 21Page - Analog Devices ADXL375 Datasheet HTML 22Page - Analog Devices ADXL375 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADXL375
Rev. 0 | Page 19 of 32
Table 14. I2C Timing (TA = 25°C, VS = 2.5 V, VDDI/O = 1.8 V)
Limit1, 2
Parameter
Min
Max
Unit
Description
fSCL
400
kHz
SCL clock frequency
t1
2.5
µs
SCL cycle time
t2
0.6
µs
SCL high time
t3
1.3
µs
SCL low time
t4
0.6
µs
Hold time for start/repeated start condition
t5
100
ns
Data setup time
t63, 4, 5
0
0.9
µs
Data hold time
t7
0.6
µs
Setup time for repeated start condition
t8
0.6
µs
Setup time for stop condition
t9
1.3
µs
Bus-free time between a stop condition and a start condition
t10
300
ns
Rise time of SCL and SDA when receiving
0
ns
Rise time of SCL and SDA when receiving or transmitting
t11
300
ns
Fall time of SCL and SDA when receiving
250
ns
Fall time of SCL and SDA when transmitting
Cb
400
pF
Capacitive load for each bus line
1
Limits based on characterization results, with fSCL = 400 kHz and a 3 mA sink current; not production tested.
2
The timing values are referred to the input thresholds (VIL and VIH) given in Table 13.
3
t6 is the data hold time that is measured from the falling edge of SCL. It applies to data during the transmission and acknowledge phases.
4
To bridge the undefined region of the falling edge of SCL, a transmitting device must internally provide an output hold time of at least 300 ns for the SDA signal (with
respect to VIH,MIN of the SCL signal).
5
The maximum value for t6 must be met only if the device does not stretch the low period (t3) of the SCL signal. The maximum value for t6 is a function of the clock low
time (t3), the clock rise time (t10), and the minimum data setup time (t5(MIN)). This value is calculated as t6(MAX) = t3 − t10 − t5(MIN).
SDA
t9
SCL
t3
t10
t11
t4
t4
t6
t2
t5
t7
t1
t8
START
CONDITION
REPEATED
START
CONDITION
STOP
CONDITION
Figure 30. I2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com