Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 19 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 19 Page - International Rectifier

Back Button IP1827 Datasheet HTML 15Page - International Rectifier IP1827 Datasheet HTML 16Page - International Rectifier IP1827 Datasheet HTML 17Page - International Rectifier IP1827 Datasheet HTML 18Page - International Rectifier IP1827 Datasheet HTML 19Page - International Rectifier IP1827 Datasheet HTML 20Page - International Rectifier IP1827 Datasheet HTML 21Page - International Rectifier IP1827 Datasheet HTML 22Page - International Rectifier IP1827 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
19
97599
DESIGN PROCEDURE  
APPLICATION INFORMATION 
Design Example 
The following example is a typical application for iP1827. 
The application circuit is shown on page 1. 
Vin = 12V (13.2V max) 
Vo = 1.8V 
Io = 25A 
ΔVo (transient) ≤ ±90mV for ΔIo = 10.5A @ 2.5A/µs 
ΔVo (ripple) ≤ ±13.5mV (±0.75%) 
Fs = 600kHz 
ENABLING THE IP1827 
As explained earlier, the precise threshold of the Enable 
lends itself well to implementation of a UVLO for the  
Bus Voltage. 
 
For a typical Enable threshold of VEN = 1.2 V 
V
R
R
R
V
EN
in
(6)
1.2
*
2
1
2
(min)
 
(7)
min
1
2
EN
)
in(
EN
V
V
V
R
R
 
For a Vin (min) = 10.2V, R1 = 49.9K and R2 = 7.5K is a good 
choice. 
PROGRAMMING THE FREQUENCY 
For Fs = 600 kHz, select Rt = 36.5 kΩ, using Table 1. 
OUTPUT VOLTAGE PROGRAMMING 
Output voltage is programmed by the reference voltage 
and external voltage divider. If the remote sense feature is 
used, the divider is connected to the Vosp and Vosm pins. 
If only local sensing is used for feedback, with the remote 
sense amplifier used only in the over‐voltage protection, 
circuit, the resistive divider should be connected to the  
Fb pin. 
For this design, with high output current requirements, we 
choose to use the true differential remote sense feature. 
The Fb pin is the inverting input of the error amplifier, 
which is internally referenced to 0.6V. This references the 
output of the remote sense amplifier to 0.6V also. In order 
to satisfy this condition, the voltage between the Vosp and 
Vosm pins of the error amplifier should be 0.6V when the 
output is at its desired value. The output voltage is defined 
by using the following equation: 
(8)
1


bot
top
ref
o
R
R
V
V
 
when an external resistor divider is connected to the 
output as shown in Figure 16. 
Equation (8) can be rewritten as: 
(9)
ref
ref
o
bot
top
V
V
V
R
R
 
 
Figure 16: Typical application of the iP1827  
for programming the output voltage 
iP1827
Vin
Enable
R1
R2
Vosm
VOUT
Rbot
R
top
Vosp
iP1827
Rcomp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com