Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 3 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 3 Page - International Rectifier

  IP1827 Datasheet HTML 1Page - International Rectifier IP1827 Datasheet HTML 2Page - International Rectifier IP1827 Datasheet HTML 3Page - International Rectifier IP1827 Datasheet HTML 4Page - International Rectifier IP1827 Datasheet HTML 5Page - International Rectifier IP1827 Datasheet HTML 6Page - International Rectifier IP1827 Datasheet HTML 7Page - International Rectifier IP1827 Datasheet HTML 8Page - International Rectifier IP1827 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
3
97599
FUNCTIONAL BLOCK DIAGRAM 
Clock
&
OScillator
S
R
Q
Thermal
Shutdown
UVPVCC
UVEN
OCP
PGnd
PGD
LGnd
Fb
Comp
Rt
PVCC
Clock
Ramp
E/A
0.51V
LDRi
Fault
Clock
VCC
PVCC
En
DRIVER
Vin
SW
0.69V
SS
Charge Pump
Vosp
Vosm
Vref
POR
Voso
OCSet
Digital Pulse
Generation
LDRiss
x4CLK
S
R
Q
HDRi
Pre-Bias
POR
Fault
SD
UVCC
EN_CP
BB
control
Clock
Voso
OVP
OVP
POWER GOOD
&
OVER VOLTAGE
Fault
BBRAKING
20uA
0.1V
Fault
R
S
Q
200mV
SD
HDRi
1V
Clock
OCP
POR
SW
SW
OVER
CURRENT
LDO
IntVcc
BiasGND
 
Figure 4: iP1827 Simplified Block Diagram 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com