Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 1 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 1 Page - International Rectifier

  IP1827 Datasheet HTML 1Page - International Rectifier IP1827 Datasheet HTML 2Page - International Rectifier IP1827 Datasheet HTML 3Page - International Rectifier IP1827 Datasheet HTML 4Page - International Rectifier IP1827 Datasheet HTML 5Page - International Rectifier IP1827 Datasheet HTML 6Page - International Rectifier IP1827 Datasheet HTML 7Page - International Rectifier IP1827 Datasheet HTML 8Page - International Rectifier IP1827 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
1
97599
FEATURES 
 Wide input application 1.5V―16V 
 Single 3.3V or single 5V application  
 Output Voltage Range: 0.6V to 0.75*Vin 
 0.5% accurate Reference Voltage 
 Programmable Switching Frequency up to 1.5MHz 
 Programmable Soft‐Start 
 Enable input with Voltage Monitoring Capability 
 Remote Sense Amplifier with True Converter 
Voltage Sensing  
 Thermally compensated Hiccup Mode  
Over Current Protection 
 Over‐voltage protection 
 Pre‐Bias Start up 
 Body Braking to improve transient 
 Integrated MOSFET drivers and Bootstrap diode  
 Operating temp: ‐40oC<Tj<125oC 
 Thermal Shut Down 
 Power Good Output with Window Comparator  
 Small Size 7.7mmx7.7mm LGA 
 Halogen Free, Pb‐Free and RoHS Compliant 
BASIC APPLICATION 
 
 
 
 
 
 
 
 
 
Figure 1 : iP1827 Basic Application Circuit  
DESCRIPTION 
The iP1827 iPOWIR
TM is an easy‐to‐use, fully integrated  
and highly efficient DC/DC regulator. The onboard PWM 
controller and MOSFETs make iP1827 a space‐efficient 
solution, providing accurate power delivery for low output 
voltage and high current applications. 
iP1827 is a versatile regulator which offers programmability 
of switching frequency and current limit while operating in 
wide input and output voltage range. 
The switching frequency is programmable from 250kHz to 
1.5MHz for an optimum solution.  
It also features important protection functions, such as  
Pre‐Bias startup, hiccup current limit and thermal 
shutdown to give required system level security in the 
event of fault conditions. 
APPLICATIONS 
 Server Application 
 Netcom Applications 
 Embedded Telecom Systems 
 Distributed Point of Load Power Architectures 
 
 
 
 
 
85
86
87
88
89
90
91
92
93
94
95
96
97
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Iout (A)
Vo=1.8V
Vo=3.3V
Vin=12V
Vcc=3.3V
No Airflow
Includes biasing loss as well as inductor
losses and stray PCB losses
 
 
Figure 2: iP1827 Efficiency 
iP1827


Similar Part No. - IP1827

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP18 BEL-IP18 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
International Rectifier
IP1837 IRF-IP1837 Datasheet
1Mb / 40P
Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
IP1837TRPBF IRF-IP1837TRPBF Datasheet
1Mb / 40P
Highly Integrated 35A Single?릋nput Voltage, Synchronous Buck Regulator
logo
Seme LAB
IP1842 SEME-LAB-IP1842 Datasheet
43Kb / 6P
CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1842A SEME-LAB-IP1842A Datasheet
57Kb / 6P
CURRENT MODE REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - IP1827

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
9A Highly Integrated SupIRBuck Single.Input Voltage
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR38063M IRF-IR38063M_15 Datasheet
558Kb / 2P
Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
logo
Infineon Technologies A...
IR3847 INFINEON-IR3847_16 Datasheet
2Mb / 57P
25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
IR3447 INFINEON-IR3447_16 Datasheet
2Mb / 52P
25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com