Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 5 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 5 Page - International Rectifier

  IP1827 Datasheet HTML 1Page - International Rectifier IP1827 Datasheet HTML 2Page - International Rectifier IP1827 Datasheet HTML 3Page - International Rectifier IP1827 Datasheet HTML 4Page - International Rectifier IP1827 Datasheet HTML 5Page - International Rectifier IP1827 Datasheet HTML 6Page - International Rectifier IP1827 Datasheet HTML 7Page - International Rectifier IP1827 Datasheet HTML 8Page - International Rectifier IP1827 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
5
97599
PIN DESCRIPTIONS 
PIN #
PIN NAME
PIN DESCRIPTION
1 
VIN 
Input voltage for power stage. Bypass capacitors between VIN and PGND should be connected very 
close to this pin and PGND (pin 3). 
2 
SW 
Switch node. This pin is connected to the output inductor. 
3 
PGND 
Power ground. This pin should be connected to the system’s power ground plane. Bypass 
capacitors between VIN and PGND should be connected very close to VIN pin (pin 1) and this pin. 
4 
PVCC 
Output of internal charge pump. Connect a 4.7uF to 10uF capacitor from this pin to local bias PGND 
(pin 12), very close to the pins. External 5V may also be connected to this pin for operation from 5V 
bias. 
5 
SS 
Soft start; a capacitor from SS and LGND sets the startup timing. 
6 
LGND 
Signal ground for internal reference and control circuitry. 
7 
VOSM 
Remote Sense Amplifier input. Connect to ground at the load. 
8 
VOSP 
Remote Sense Amplifier input. Connect to output at the load. 
9 
RT 
Use an external resistor from this pin to GND to set the switching frequency, very close to the pin. 
10 
VCC 
Input bias voltage for internal IC. This also powers the charge pump circuit in the IC. Connect a 
10uF capacitor from this pin to local bias PGND (pin 12), very close to the pins. For 5V bias 
operation, this pin should be tied to ground. 
11 
OCSET 
Current Limit setpoint. A resistor may be connected from this pin to SW pin to set thresholds lower 
than those allowed by maximum current rating of the device. 
12 
BIASGND 
This pin serves as a ground for the MOSFET drivers. It should be connected to the negative terminal 
of the bias voltage at the VCC and/or PVCC capacitors. 
13 
PGD 
Power Good status pin. Output is open collector. Connect a pull up resistor from this pin to VCC. 
14 
EN 
Enable pin to turn on and off the IC. 
15 
VOSO 
Remote Sense Amplifier Output; also forms an input to the power good comparator and 
overvoltage comparator. 
16 
COMP 
Output of error amplifier. An external resistor and capacitor network is typically connected from 
this pin to FB to provide loop compensation. 
17 
FB 
Inverting input to the error amplifier. This pin is connected directly to the output of the regulator 
or to the output of the remote sense amplifier, via resistor divider to set the output voltage and 
provide feedback to the error amplifier. 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com