Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 24 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 24 Page - International Rectifier

Back Button IP1827 Datasheet HTML 20Page - International Rectifier IP1827 Datasheet HTML 21Page - International Rectifier IP1827 Datasheet HTML 22Page - International Rectifier IP1827 Datasheet HTML 23Page - International Rectifier IP1827 Datasheet HTML 24Page - International Rectifier IP1827 Datasheet HTML 25Page - International Rectifier IP1827 Datasheet HTML 26Page - International Rectifier IP1827 Datasheet HTML 27Page - International Rectifier IP1827 Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
24
97599
These result in: 
FLC=26.53kHz 
FESR=4.4MHz 
Fs/2=300kHz 
Select crossover frequency Fo=110 kHz 
Since FLC<Fo<Fs/2<FESR, Type III is selected to place  
the pole and zeros. 
Detailed calculation of compensation Type III: 
Desired Phase Margin Θ = 80° 
kHz
9.62
sin
1
sin
1
2
o
Z
F
F
 
kHz
1257.31
sin
1
sin
1
2
o
P
F
F
 
kHz
4.81
*
0.5
2
1
Z
Z
F
F
 
kHz
300
*
0.5
3
s
P
F
F
 
Select: C7 = 2.2nF 
Calculate: R3, C3 and C4: 
k
4.42
;
*
*
*
*
*
*
3
7
3
2
R
F
V
C
C
L
F
R
m
in
o
o
o
 
Select: R3 = 4.22 kΩ 
nF
8.2
:
Select
nF,
7.84
;
*
*
2
1
4
4
3
1
4
C
C
R
F
C
Z
 
pF
120
:
Select
,
pF
125.71
;
*
*
2
1
3
3
3
3
3
C
C
R
F
C
P
 
Calculate: R10, R8 and R9: 
Ω
57.6
:
Select
,
Ω
60
;
*
*
2
1
10
10
2
7
10
R
R
F
C
R
P
 
,
kΩ
7.46
;
-
*
*
2
1
8
10
2
7
8
R
R
F
C
R
Z
 
Select: R8 = 7.5 kΩ  
PROGRAMMING THE CURRENT‐LIMIT 
The Current‐Limit threshold can be set by connecting  
a resistor (ROCSet) from the SW pin to the OCSet pin.  
The resistor can be selected by using Table 2.  
In order to set a trip current of 31A, we may select  
ROCSet = 20.5K, using Table 2.  
SETTING THE POWER GOOD THRESHOLD 
A window comparator internally sets a lower Power Good 
threshold at 0.51V and an upper Power Good threshold at 
0.7V. When the voltage at the Voso pin is within the 
window set by these thresholds, PGood is asserted. 
The power good output PGD is an open drain output. 
Hence, it is necessary to use a pull up resistor RPG from 
PGD pin to Vcc. The value of the pull‐up resistor must be 
chosen such as to limit the current flowing into the PGD 
pin, when the output voltage is not in regulation, to less 
than 5mA. A typical value used is 10kΩ. 
It must be noted that if the voltage on Voso exceeds the 
upper threshold 0.7V, not only is PGD de‐asserted, but also 
an overvoltage fault is flagged, following which, even if the 
overvoltage condition gets resolved, the converter can be 
re‐started only by cycling Vcc or Enable.  
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com