Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 16 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 16 Page - International Rectifier

Back Button IP1827 Datasheet HTML 12Page - International Rectifier IP1827 Datasheet HTML 13Page - International Rectifier IP1827 Datasheet HTML 14Page - International Rectifier IP1827 Datasheet HTML 15Page - International Rectifier IP1827 Datasheet HTML 16Page - International Rectifier IP1827 Datasheet HTML 17Page - International Rectifier IP1827 Datasheet HTML 18Page - International Rectifier IP1827 Datasheet HTML 19Page - International Rectifier IP1827 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
16
97599
An overcorrect detection trips the OCP comparator, 
latches OCP signal and cycles the soft start function in 
hiccup mode. The hiccup is performed by shorting the  
soft‐start capacitor to ground and counting the number of 
switching cycles. The Soft Start pin is held low until 4096 
cycles have been completed. Following this, the OCP signal 
resets and the converter recovers. After every soft start 
cycle, the converter stays in this mode until the overload 
or short circuit is removed.  
For the iP1827, the Sync FET is turned OFF on the falling 
edge of a PWMSet or Clock signal that has duration of 25% 
of the switching period. For operation at the maximum 
duty cycle, the OCP circuit samples current for 40 ns, 
starting 40 ns after the low drive signal for the Sync FET > 
70% of PVcc. 
TABLE 2: OVERCURRENT SETTING VS. EXTERNAL ROCSET  
Iotrip (A) 
External Rocset (kohm) 
15 
2.61 
16 
2.94 
17 
3.24 
18 
3.65 
19 
4.02 
20 
4.53 
21 
4.99 
22 
5.62 
23 
6.34 
24 
7.15 
25 
8.06 
26 
9.09 
27 
10.5 
28 
12.1 
29 
14.3 
30 
16.9 
31 
20.5 
32 
26.1 
33 
34 
34 
48.7 
35 
80.6 
36 
226 
37 
Open 
 
For operating duty cycles less than the maximum duty 
cycle of 75%, the OCP circuit still samples current for 
typically 40ns, but starts sampling 40 ns after the rising 
edge of PWMSet. Thus, for low duty cycle operation, the 
inductor current is sensed close to the valley. This allows a 
longer delay after the falling edge of the switch node, than 
the corresponding delay for an over‐current sensing 
scheme which samples the current at the peak of the 
inductor current. This longer delay serves to filter out any 
noise on the switch node and hence on the OCSet pin, 
making this method more immune to false tripping. 
THERMAL SHUTDOWN  
Temperature sensing is provided inside iP1827.  
The trip threshold is typically set to 145
oC. When the  
trip threshold is exceeded, thermal shutdown turns  
off both MOSFETs and discharges the soft start capacitor. 
Automatic restart is initiated when the sensed 
temperature drops within the operating range. There  
is a 20
oC hysteresis in the thermal shutdown threshold. 
TRIMMABLE RISING EDGE DEADBAND  
The iP1827 has a rising edge deadband that is post‐
package trimmable. It is typically trimmed to 5ns‐10ns 
which is an optimal range to minimize switching transition 
loss and at the same time, prevent cross conduction. 
REMOTE VOLTAGE SENSING 
True differential remote sensing in the feedback loop is 
critical to high current applications where the output 
voltage across the load may differ from the output voltage 
measured locally across an output capacitor at the output 
inductor, and to applications that require die voltage 
sensing.  
The Vosp and Vosm pins of the iP1827 form the inputs to  
a remote sense differential amplifier with high speed, low 
input offset (post‐package trimmed to +/‐3mV) and low 
input bias current which ensure accurate voltage sensing 
and fast transient response in such applications. 
It should be noted, however, that the output Voso of the 
difference amplifier also forms the input toa power good 
comparator and overvoltage comparator, both referenced 
to an upper threshold of 0.7V as discussed in the next 
section. Hence, in applications where Vo > 0.6V, it is 
necessary to use a resistive divider network after Vo to 
attenuate the sensed output voltage signal between the 
remote Vo and the remote ground to 0.6V, which is then 
applied between Vosp and Vosm. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com