Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 4 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 4 Page - International Rectifier

  IP1827 Datasheet HTML 1Page - International Rectifier IP1827 Datasheet HTML 2Page - International Rectifier IP1827 Datasheet HTML 3Page - International Rectifier IP1827 Datasheet HTML 4Page - International Rectifier IP1827 Datasheet HTML 5Page - International Rectifier IP1827 Datasheet HTML 6Page - International Rectifier IP1827 Datasheet HTML 7Page - International Rectifier IP1827 Datasheet HTML 8Page - International Rectifier IP1827 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
4
97599
TYPICAL APPLICATION DIAGRAM 
 
 
 
Figure 5: iP1827 Application Circuit Diagram for a 12V to 1.8V, 25A Point of Load Converter 
 
PVCC
Fb
Comp
LGnd
PGnd
SW
OCSet
Vo
PGD
PGood
Rt
Vin=12V
Vin
Vosp
VCC
SS
En
Vosm
VCC=3.3V
Voso
R8
7.5 K
Rbot
604
Co=10X22uF/
0805/X5R/6.3V
Lo
0.3uH
C7
2.2nF
R10
57.6
R3
4.22 K
C4
8.2 nF
C3
120 pF
ROCSet
20.5 K
CSS
0.1 uF
Rt
36.5 K
RPG
10 K
R1
49.9 K
R2
7.5k
CVCC
10uF
CPVCC
4.7uF
Rtop
1.21K
Rcomp
402
Cin=1X330uF/25V
+ 5X22uF/1206/
X5R/16V
iP1827
BiasGnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com