Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 6 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 6 Page - International Rectifier

Back Button IP1827 Datasheet HTML 2Page - International Rectifier IP1827 Datasheet HTML 3Page - International Rectifier IP1827 Datasheet HTML 4Page - International Rectifier IP1827 Datasheet HTML 5Page - International Rectifier IP1827 Datasheet HTML 6Page - International Rectifier IP1827 Datasheet HTML 7Page - International Rectifier IP1827 Datasheet HTML 8Page - International Rectifier IP1827 Datasheet HTML 9Page - International Rectifier IP1827 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
6
97599
ABSOLUTE MAXIMUM RATINGS 
 
VIN 
‐0.3V to 25V 
VCC ‐0.3V to 3.9V 
PVCC 
‐0.3V to 8V (Note 2) 
SW ‐0.3V to 25V (DC), ‐4V to 25V (AC, 100ns) 
BOOT 
‐0.3V to 33V 
Input/output pins, except PGD, Vosp and Voso ‐0.3V to VCC + 0.3V 
PGD, Vosp and Voso 
‐0.3V to PVCC + 0.3V (Note 2) 
PGND to LGND, BIASGND to LGND, Vosm to LGND ‐0.3V to + 0.3V 
Storage Temperature Range 
‐55°C to 150°C 
Junction Temperature Range ‐40°C to 150°C 
ESD Classification 
JEDEC Class 1C (1KV) 
Moisture Sensitivity level 
JEDEC Level 3@250°C 
 
Note 1: Must not exceed 8V. 
Note 2: PVCC must not exceed 7.5V for Junction Temperature between ‐10°C and ‐40°C. 
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings 
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the 
specifications are not implied. These devices are ESD sensitive, observe handling precautions to prevent electrostatic discharge damage. 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com