Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 8 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 8 Page - International Rectifier

Back Button IP1827 Datasheet HTML 4Page - International Rectifier IP1827 Datasheet HTML 5Page - International Rectifier IP1827 Datasheet HTML 6Page - International Rectifier IP1827 Datasheet HTML 7Page - International Rectifier IP1827 Datasheet HTML 8Page - International Rectifier IP1827 Datasheet HTML 9Page - International Rectifier IP1827 Datasheet HTML 10Page - International Rectifier IP1827 Datasheet HTML 11Page - International Rectifier IP1827 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
8
97599
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
VCC – Start – Threshold 
VCC_UVLO_Start 
VCC Rising Trip Level 
2.6 
2.8 
3.1 
VCC – Stop – Threshold 
VCC_UVLO_Stop 
VCC Falling Trip Level 
2 
2.2 
2.5 
Enable – Start – Threshold  
Enable_UVLO_Start 
Supply ramping up 
1.14 
1.2 
1.36 
Enable – Stop – Threshold  
Enable_UVLO_Stop 
Supply ramping down 
0.9 
1.0 
1.06 
V 
Oscillator 
Rt Voltage   
  
  
1   
V 
  
450 
500 
550 
Frequency Range 
FS 
  
1350 
1500 
1650 
kHz  
Ramp Offset 
Ramp (os) 
Note 3  
0.4   
V 
Min Pulse Width 
Dmin (ctrl) 
Note 3  
 
50 
ns 
Fixed Off Time  
Note 3  
130 
200 
ns 
Max Duty Cycle 
Dmax  
75  
 
% 
Error Amplifier 
Input Bias Current 
IFb(E/A)   
‐1   
+1 
µA 
Input Bias Current 
IVp(E/A)   
‐1   
+1 
µA 
Sink Current 
Isink(E/A)   
0.6 
0.9 
1.2 
mA 
Source Current 
Isource(E/A)   
5 
8 
12 
mA 
Slew Rate 
SR 
Note 3 
7 
12 
20 
V/µs 
Gain‐Bandwidth Product 
GBWP 
Note 3 
20 
30 
40 
MHz 
DC Gain 
Gain 
Note 3 
100 
110 
120 
dB 
Maximum Voltage 
Vmax(E/A)  
1.7 
2 
2.3 
V 
Minimum Voltage 
Vmin(E/A)  
 
 
100 
mV 
Remote Sense Differential Amplifier   
Unity Gain Bandwidth 
BW_RS 
Note 3 
3 
6.4 
9 
MHz 
DC Gain 
Gain_RS 
Note 3  
110  
dB 
Offset Voltage 
Offset_RS  
‐3 
0 
3 
mV 
Source Current 
Isource_RS  
3 
9 
20 
mA 
Sink Current 
Isink_RS   
0.4 
1 
2 
mA 
Slew Rate 
Slew_RS 
Note 3, Cload = 100pF 
2 
4 
8 
V/µs 
VOSEN+ input impedance 
Rin_RS+   
70  
120 
200 
kohm 
VOSEN‐ input impedance 
Rin_RS‐ 
Note 3 
70 
120 
200 
kohm 
Maximum Voltage 
Vmax_RS 
V(PVCC) – V(Vosp) 
0.5 
1 
1.5 
V 
Minimum Voltage 
Min_RS  
 
50  
mV 
Soft Start 
Soft Start Charge Current 
Iss_Charg   
14 
20 
26 
µA 
Clamp Voltage 
Vss (Clamp)   
3 
3.3 
3.6 
µA 
Offset Voltage 
Vss (offset)   
100 
170 
250 
mV 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com