Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 37 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 37 Page - International Rectifier

Back Button IP1827 Datasheet HTML 31Page - International Rectifier IP1827 Datasheet HTML 32Page - International Rectifier IP1827 Datasheet HTML 33Page - International Rectifier IP1827 Datasheet HTML 34Page - International Rectifier IP1827 Datasheet HTML 35Page - International Rectifier IP1827 Datasheet HTML 36Page - International Rectifier IP1827 Datasheet HTML 37Page - International Rectifier IP1827 Datasheet HTML 38Page - International Rectifier IP1827 Datasheet HTML 39Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
37
97599
STENCIL DESIGN 
 The Stencil apertures for the lead lands should be 
approximately 80% of the area of the lead pads. 
Reducing the amount of solder deposited will 
minimize the occurrences of lead shorts. If too 
much solder is deposited on the three power 
land pads the part will float and the lead pads will 
be open. 
 The maximum length and width of the power land 
pads stencil aperture should be equal to the solder 
resist opening minus an annular 0.2mm pull back to 
decrease the incidence of opens to the lead lands or 
use the recommended stencil design below. 
 
 
 
Figure 38: Stencil design 
 
 
* Contact International Rectifier to receive an electronic PCB Library file in your preferred format. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com