Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 20 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 20 Page - International Rectifier

Back Button IP1827 Datasheet HTML 16Page - International Rectifier IP1827 Datasheet HTML 17Page - International Rectifier IP1827 Datasheet HTML 18Page - International Rectifier IP1827 Datasheet HTML 19Page - International Rectifier IP1827 Datasheet HTML 20Page - International Rectifier IP1827 Datasheet HTML 21Page - International Rectifier IP1827 Datasheet HTML 22Page - International Rectifier IP1827 Datasheet HTML 23Page - International Rectifier IP1827 Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
20
97599
For our design, Rbot is selected to be 604 ohm.  
This selection is based on a trade‐off between two 
considerations:  
1) The resistive divider should be as low impedance as 
possible in order to have minimal impact on the 
impedance seen at the Vosp and Vosm pins. 
2) The resistive divider should have high enough 
impedance so as to minimize the bleed current from 
the output. 
Hence, from Equation (9), Rtop = 1.21K. 
In order to ensure that the Vosp and Vosm see balanced 
impedances, it is advisable to use Rcomp such that: 
(10)
Ω
402
||
bot
top
comp
R
R
R
 
SOFT‐START PROGRAMMING 
The soft‐start timing can be programmed by selecting the 
soft‐start capacitance value. From (1), for a desired start‐
up time of the converter, the soft start capacitor can be 
calculated by using: 
(11)
0.033
)
ms
(
F)
(
start
SS
T
C
 
Where Tstart is the desired start‐up time (ms). 
For a start‐up time of 3ms, the soft‐start capacitor will be 
0.099μF. Choose a 0.1μF ceramic capacitor. 
INPUT CAPACITOR SELECTION  
The ripple current generated during the on time of the 
upper MOSFET should be provided by the input capacitor. 
The RMS value of this ripple is expressed by: 
(12)
)
1
(
D
D
I
I
o
RMS
 
(13)
in
o
V
V
D
 
Where: 
D is the Duty Cycle 
IRMS is the RMS value of the input capacitor current.  
Io is the output current. 
For Io=25A and D = 0.15, the IRMS  = 8.93A. 
Ceramic capacitors are recommended due to their peak 
current capabilities. They also feature low ESR and ESL at 
higher frequency which enables better efficiency. For this 
application, it is advisable to have 5x22uF 16V ceramic 
capacitors ECJ‐3YX1C106K from Panasonic. In addition to 
these, although not mandatory, a 1X330uF, 25V SMD 
capacitor EEV‐FK1E331P may also be used as a bulk 
capacitor and is recommended if the input power supply is 
not located close to the converter. 
INDUCTOR SELECTION  
The inductor is selected based on output power, operating 
frequency and efficiency requirements. A low inductor 
value causes large ripple current, resulting in the smaller 
size, and a faster response to a load transient but poor 
efficiency and high output noise. Generally, the selection 
of the inductor value can be reduced to the desired 
maximum ripple current in the inductor. The optimum 
point is usually found between 20% and 50% ripple of the 
output current. 
For the buck converter, the inductor value for the desired 
operating ripple current can be determined using the 
following relation: 

(14)
*
1
;
s
in
o
o
in
s
o
in
F
i
V
V
V
V
L
F
D
t
t
i
L
V
V
 
Where: 
Vin = Maximum input voltage 
V0 = Output Voltage 
Δi = Inductor Ripple Current 
Fs = Switching Frequency 
Δt – Turn on time 
D – Duty Cycle 
 
If  Δi ≈ 35%(Io), then the output inductor is calculated to be 
0.29μH. Select L = 0.3μH.  
The 59PR9874N from Vitec provides a compact inductor 
suitable for this application. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com