Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 12 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 12 Page - International Rectifier

Back Button IP1827 Datasheet HTML 8Page - International Rectifier IP1827 Datasheet HTML 9Page - International Rectifier IP1827 Datasheet HTML 10Page - International Rectifier IP1827 Datasheet HTML 11Page - International Rectifier IP1827 Datasheet HTML 12Page - International Rectifier IP1827 Datasheet HTML 13Page - International Rectifier IP1827 Datasheet HTML 14Page - International Rectifier IP1827 Datasheet HTML 15Page - International Rectifier IP1827 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
12
97599
TYPICAL OPERATING CHARACTERISTICS (‐40°C ‐ 125°C) 
 
RDSON of Control FET over temperature at PVCC=5V
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
5.75
6
-40
-20
0
20
40
60
80
100
120
Temp[
0C]
 
RDSON of Sync FET over temperature
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-40
-20
0
20
406080
100
120
Temp[
0C]
Rdson@Vcc=3.3V
Rdson@PVcc=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com