Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 22 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 22 Page - International Rectifier

Back Button IP1827 Datasheet HTML 18Page - International Rectifier IP1827 Datasheet HTML 19Page - International Rectifier IP1827 Datasheet HTML 20Page - International Rectifier IP1827 Datasheet HTML 21Page - International Rectifier IP1827 Datasheet HTML 22Page - International Rectifier IP1827 Datasheet HTML 23Page - International Rectifier IP1827 Datasheet HTML 24Page - International Rectifier IP1827 Datasheet HTML 25Page - International Rectifier IP1827 Datasheet HTML 26Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
22
97599
VOSO
VREF
R9
R8
C
POLE
C4
R3
Ve
FZ
F
POLE
E/A
Z f
Frequency
Gain(dB)
H(s) dB
Fb
Comp
Z IN
 
Figure 18: Type II compensation network  
and its asymptotic gain plot 
The transfer function (Ve/Voso) is given by: 
(18)
1
)
(
4
8
4
3
C
sR
C
sR
Z
Z
s
H
V
V
IN
f
oso
e
 
The (s) indicates that the transfer function varies as a 
function of frequency. This configuration introduces a gain 
and zero, expressed by: 

(20)
*
*
2
1
(19)
4
3
8
3
C
R
F
R
R
s
H
z
 
First select the desired zero‐crossover frequency (Fo): 

s
ESR
o
F
F
F
*
1/10
~
1/5
F
and
o
 
Use the following equation to calculate R3: 
(21)
*
*
*
*
*
2
8
3
LC
m
in
ESR
o
F
F
V
R
F
F
R
 
Where: 
Vin = Maximum Input Voltage 
Fo = Crossover Frequency 
FESR = Zero Frequency of the Output Capacitor 
FLC = Resonant Frequency of the Output Filter 
R8 = Feedback Resistor 
β =   Vref/Vo 
Fm=Modulator gain  
To cancel one of the LC filter poles, place the zero before 
the LC filter resonant frequency pole: 
(22)
*
2
1
*
75
.
0
%
75
o
o
z
LC
z
C
L
F
F
F
 
Use equations (20), (21) and (22) to calculate C4. 
One more capacitor is sometimes added in parallel with C4 
and R3. This introduces one more pole which is mainly used 
to suppress the switching noise. 
The additional pole is given by: 
(23)
*
*
*
2
1
4
4
3
POLE
POLE
P
C
C
C
C
R
F
 
The pole sets to one half of the switching frequency which 
results in the capacitor CPOLE: 
(24)
1
1
1
3
4
3
s
s
POLE
*F
*R
C
*F
*R
C
 
For a general solution for unconditional stability for any 
type of output capacitors, and a wide range of ESR values, 
we should implement local feedback with a type III 
compensation network. The typically used compensation 
network for voltage‐mode controller is shown in Figure 19. 
Again, the transfer function is given by: 
IN
f
oso
e
Z
Z
s
H
V
V
)
(
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com