Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1827 Datasheet(PDF) 17 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 17 Page - International Rectifier

Back Button IP1827 Datasheet HTML 13Page - International Rectifier IP1827 Datasheet HTML 14Page - International Rectifier IP1827 Datasheet HTML 15Page - International Rectifier IP1827 Datasheet HTML 16Page - International Rectifier IP1827 Datasheet HTML 17Page - International Rectifier IP1827 Datasheet HTML 18Page - International Rectifier IP1827 Datasheet HTML 19Page - International Rectifier IP1827 Datasheet HTML 20Page - International Rectifier IP1827 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
17
97599
In applications where only local sensing is required for 
feedback, the remote voltage sensing pins of the iP1827 
may be dedicated to sensing the output for power good 
indication and overvoltage protection.  
POWER GOOD OUTPUT AND  
OVER‐VOLTAGE PROTECTION 
The IC continually monitors the output voltage via output 
of the remote sense amplifier (Voso pin). The Voso voltage 
forms an input to a window comparator whose upper and 
lower thresholds are 0.7V and 0.51V respectively. Hence, 
the Power Good signal is flagged when the Voso pin 
voltage is within PGood window, i.e., between 0.51V and 
0.69V, as shown in Figure 12a. The PGood pin is open drain 
and it needs to be externally pulled high. High state 
indicates that output is in regulation. Figure 12a also shows 
the PGood timing diagram with a 256 cycle delay between 
the Voso voltage entering within the thresholds defined by 
the PGood window and PGood going high 
If the output voltage exceeds the over voltage threshold 
0.7V, an over voltage trip signal is asserted; this will turn 
off the high side driver and turn on the low side driver until 
the Voso voltage drops below the 0.7V threshold. Both 
drivers are then turned off until a reset is performed by 
cycling Vcc (or PVcc/Enable) or until another OVP event 
occurs turning on the low side driver again. 
Figure 12b shows the response in over‐voltage condition. 
SS
0
0
0
PGD
256/Fs
Voso
0.2V
0.8V
0.51V
0.7V
256/Fs
 
Figure 12a: iP1827 Power Good Signal Timing Diagram 
HDrv
0
0
0
LDrv
Voso
0.7V
SS
0
0
PGood
0.6V
 
Figure 12b: iP1827 Signal Timing for OVP 
BODY BRAKING
TM  
The Body Braking feature of the iP1827 allows improved 
transient response to step‐down load transients. A severe 
step‐down load transient would cause an overshoot in the 
output voltage and drive the Comp pin voltage down until 
control saturation occurs demanding 0% duty cycle, and 
the PWM input to the Control FET driver is kept OFF. When 
the first such skipped pulse occurs, the iP1827 enters the 
Body Braking mode, wherein the Sync FET is also turned 
OFF. The inductor current then decays by freewheeling 
through the body diode of the Sync FET. Thus, with Body 
Braking, the forward voltage drop of the body diode 
provides an additional voltage to discharge the inductor 
current faster to the light load value as shown in equations 
4 and 5 below: 
,
,
(5)
braking
body
without
(4)
braking
body
with
L
V
dt
di
L
V
V
dt
di
o
L
D
o
L
 
where VD= forward voltage drop of the body diode of the 
Sync FET. 
The Body Braking mechanism is kept OFF during pre‐bias  
operation. Also, in the event of an extremely severe load 
step‐down transient causing an OVP, the Body Brake is 
overridden by the OVP latch, which turns on the Sync FET. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com