Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 20 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 20 Page - International Rectifier

Back Button SL40307A-R19KHF Datasheet HTML 16Page - International Rectifier SL40307A-R19KHF Datasheet HTML 17Page - International Rectifier SL40307A-R19KHF Datasheet HTML 18Page - International Rectifier SL40307A-R19KHF Datasheet HTML 19Page - International Rectifier SL40307A-R19KHF Datasheet HTML 20Page - International Rectifier SL40307A-R19KHF Datasheet HTML 21Page - International Rectifier SL40307A-R19KHF Datasheet HTML 22Page - International Rectifier SL40307A-R19KHF Datasheet HTML 23Page - International Rectifier SL40307A-R19KHF Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
IR3846
20 www.irf.com
© 2013 International Rectifier
August 01, 2013
above their UVLO thresholds and generate the Power
On Ready (POR) signal. The internal soft-start
(Intl_SS) signal linearly rises with the rate of 0.4mV/µs
from 0V to 1.5V. Figure 10 shows the waveforms
during soft start. The normal Vout startup time is fixed,
and is equal to:

mS
S
mV
V
V
Tstart
5
.
1
/
4
.
0
15
.
0
75
.
0
(1)
During the soft start the over-current protection (OCP)
and over-voltage protection (OVP) is enabled to
protect the device for any short circuit or over voltage
condition.
POR
Intl_SS
Vout
0.15V
0.75V
t1 t2
t3
1.5V
3.0V
Figure 10: Theoretical operation waveforms during
soft-start (non tracking / non sequencing)
OPERATING FREQUENCY
The switching frequency can be programmed between
300kHz – 1500kHz by connecting an external resistor
from Rt pin to LGnd. Table 1 tabulates the oscillator
frequency versus Rt.
Table 1: Switching Frequency(Fs) vs. External
Resistor(Rt)
Rt (KΩ)
Freq
(KHz)
80.6
300
60.4
400
48.7
500
39.2
600
34
700
29.4
800
26.1
900
23.2
1000
21
1100
19.1
1200
17.4
1300
16.2
1400
15
1500
SHUTDOWN
IR3846 can be shutdown by pulling the Enable pin
below its 1.0V threshold. During shutdown the high
side and the low side drivers are turned off.
OVER CURRENT PROTECTION
The Over Current (OC) protection is performed by
sensing the inductor current through the RDS(on) of the
Synchronous MOSFET. This method enhances the
converter’s efficiency, reduces cost by eliminating a
current sense resistor and any layout related noise
issues. The Over Current (OC) limit can be set to one
of three possible settings by floating the OCset pin, by
pulling up the OCset pin to VCC, or pulling down the
OCset pin to PGnd. The current limit scheme in the
IR3846 uses an internal temperature compensated
current source to achieve an almost constant OC limit
over temperature.
Over Current Protection circuit senses the inductor
current flowing through the Synchronous MOSFET.
To help minimize false tripping due to noise and
transients, inductor current is sampled for about 30 nS
on the downward inductor current slope approximately
12.5% of the switching period before the inductor
current valley. However, if the Synchronous MOSFET
is on for less than 12.5% of the switching period, the
current is sampled approximately 40nS after the start
of the downward slope of the inductor current. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com