Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 25 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 25 Page - International Rectifier

Back Button SL40307A-R19KHF Datasheet HTML 21Page - International Rectifier SL40307A-R19KHF Datasheet HTML 22Page - International Rectifier SL40307A-R19KHF Datasheet HTML 23Page - International Rectifier SL40307A-R19KHF Datasheet HTML 24Page - International Rectifier SL40307A-R19KHF Datasheet HTML 25Page - International Rectifier SL40307A-R19KHF Datasheet HTML 26Page - International Rectifier SL40307A-R19KHF Datasheet HTML 27Page - International Rectifier SL40307A-R19KHF Datasheet HTML 28Page - International Rectifier SL40307A-R19KHF Datasheet HTML 29Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
IR3846
25 www.irf.com
© 2013 International Rectifier
August 01, 2013
Figure 22: Typical waveforms in tracking mode of
operation: (a) simultaneous, (b) ratiometric
Figure 23: Application Circuit for Simultaneous and
Ratiometric Sequencing
Tracking
and
sequencing
operations
can
be
implemented to be simultaneous or ratiometric (refer
to Figure 21 and Figure 22). Figure 23 shows typical
circuit configuration for sequencing operation. With
this power-up configuration, the voltage at the Vp pin
of the slave reaches 0.6V before the Fb pin of the
master. If RE/RF =RC/RD, simultaneous startup is
achieved. That is, the output voltage of the slave
follows that of the master until the voltage at the Vp
pin of the slave reaches 0.6 V. After the voltage at the
Vp pin of the slave exceeds 0.6V, the internal 0.6V
reference of the slave dictates its output voltage. In
reality the regulation gradually shifts from Vp to
internal Vref. The circuit shown in Figure 23 can also
be used for simultaneous or ratiometric tracking
operation if Vref of the slave is connected to LGND.
Table 2 summarizes the required conditions to
achieve
simultaneous/ratiometric
tracking
or
sequencing operations.
Table 2: Required Conditions for Simultaneous /
Ratiometric Tracking and Sequencing (Figure 23)
Operating
Mode
Vref
(Slave)
Vp
Required
Condition
Normal
(Non-
sequencing,
Non-tracking)
0.6
(Floating)
Floating
―
Simultaneous
Sequencing
0.6V
Ramp
up from
0V
RA/RB >
RE/RF =
RC/RD
Ratiometric
Sequencing
0.6V
Ramp
up from
0V
RA/RB >
RE/RF >
RC/RD
Simultaneous
Tracking
0V
Ramp
up from
0V
RE/RF =
RC/RD
Ratiometric
Tracking
0V
Ramp
up from
0V
RE/RF >
RC/RD
VREF
This pin reflects the internal reference voltage which is
used by the error amplifier to set the output voltage. In
most operating conditions this pin is only connected to
an external bypass capacitor and it is left floating. A
minimum 100pF ceramic capacitor is required from
stability point of view. In tracking mode this pin should
be pulled to LGND. For margining applications, an
external voltage source is connected to Vref pin and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com