Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 10 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 10 Page - International Rectifier

Back Button SL40307A-R19KHF Datasheet HTML 6Page - International Rectifier SL40307A-R19KHF Datasheet HTML 7Page - International Rectifier SL40307A-R19KHF Datasheet HTML 8Page - International Rectifier SL40307A-R19KHF Datasheet HTML 9Page - International Rectifier SL40307A-R19KHF Datasheet HTML 10Page - International Rectifier SL40307A-R19KHF Datasheet HTML 11Page - International Rectifier SL40307A-R19KHF Datasheet HTML 12Page - International Rectifier SL40307A-R19KHF Datasheet HTML 13Page - International Rectifier SL40307A-R19KHF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
IR3846
10 www.irf.com
© 2013 International Rectifier
August 01, 2013
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Tracker Comparator
Upper Threshold
VPG(tracker_upper)
Vp Rising, Vref < 0.1V
0.4
V
Tracker Comparator
Lower Threshold
VPG(tracker_lower)
Vp Falling, Vref < 0.1V
0.3
V
Tracker Comparator
Delay
Tdelay(tracker)
Vp Rising, Vref < 0.1V
1.28
ms
Over Voltage Protection (OVP)
OVP Trip Threshold
OVP (trip)
Vsns Rising,
0.45V < Vref < 1.2V
115
120
125
% Vref
Vsns Rising,
Vref < 0.1V
115
120
125
% Vp
OVP Fault Prop Delay
OVP (delay)
Vsns rising
1.5
2.5
3.5
µs
Over-Current Protection
OC Trip Current
ITRIP
OCSet=VCC, VCC =
6.8V, TJ = 25°C
41
44.4
48
A
OCSet=floating, VCC
= 6.8V, TJ = 25°C
32
35
38
A
OCSet=PGnd, VCC
=6.8V, TJ = 25°C
24
26.88
30
A
Hiccup blanking time
Tblk_Hiccup
Note 4
20.48
ms
Thermal Shutdown
Thermal Shutdown
Note 4
145
°C
Hysteresis
Note 4
20
°C
Notes:
4. Guaranteed by design but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com