Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 26 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 26 Page - International Rectifier

Back Button SL40307A-R19KHF Datasheet HTML 22Page - International Rectifier SL40307A-R19KHF Datasheet HTML 23Page - International Rectifier SL40307A-R19KHF Datasheet HTML 24Page - International Rectifier SL40307A-R19KHF Datasheet HTML 25Page - International Rectifier SL40307A-R19KHF Datasheet HTML 26Page - International Rectifier SL40307A-R19KHF Datasheet HTML 27Page - International Rectifier SL40307A-R19KHF Datasheet HTML 28Page - International Rectifier SL40307A-R19KHF Datasheet HTML 29Page - International Rectifier SL40307A-R19KHF Datasheet HTML 30Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
IR3846
26 www.irf.com
© 2013 International Rectifier
August 01, 2013
overrides the internal reference voltage. The external
voltage source should have a low internal resistance
(<100Ω) and be able to source and sink more than
25µA.
POWER GOOD OUTPUT (TRACKING,
SEQUENCING, VREF MARGINING)
IR3846 continually monitors the output voltage via the
sense pin (Vsns) voltage. The Vsns voltage is an input
to the window comparator with upper and lower
threshold of 1.2*VREF and 0.95*VREF respectively.
PGood signal is high whenever Vsns voltage is within
the PGood comparator window thresholds. Hysteresis
has been applied to the lower threshold, PGood signal
goes low when Vsns drops below 0.9*VREF instead
of 0.95*VREF. The PGood pin is open drain and it
needs to be externally pulled high. High state
indicates that output is in regulation.
The threshold is set differently in different operating
modes and the results of the comparison sets the
PGood signal. Figure 24, Figure 25 and Figure 26
show the timing diagram of the PGood signal at
different operating modes. Vsns signal is also used by
OVP comparator for detecting output over voltage
condition. PGood signal is low when Enable is low.
0
0
Vref 
PGD
Vsns
0.6V
1.2*VREF
0.90*VREF
1.28 mS
1.28 mS
OVP 
Latch
0.95*VREF
150 uS
0
2.5 uS
Figure 24: Non-sequence, Non-tracking Startup
and Vref Margin (Vp pin floating)
Figure 25: Vp Tracking (Vref = 0V)
Figure 26: Vp Sequence and Vref Margin
OVER-VOLTAGE PROTECTION (OVP)
Over-voltage protection in IR3846 is achieved by
comparing sense pin voltage Vsns to a pre-set
threshold. In non-tracking mode, OVP threshold can
be set at 1.2*Vref; in tracking mode, it can be at
1.2*Vp. When Vsns exceeds the over voltage
threshold, an over voltage trip signal asserts after 2.5
uS (typ.) delay. The high side drive signal HDrv is
latched off immediately and PGood flags are set low.
The low side drive signal is kept on until the Vsns
voltage drops below the threshold.
HDrv remains
latched off until a reset is performed by cycling VCC.
OVP is active when enable is high or low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com