Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 35 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 35 Page - International Rectifier

Back Button SL40307A-R19KHF Datasheet HTML 31Page - International Rectifier SL40307A-R19KHF Datasheet HTML 32Page - International Rectifier SL40307A-R19KHF Datasheet HTML 33Page - International Rectifier SL40307A-R19KHF Datasheet HTML 34Page - International Rectifier SL40307A-R19KHF Datasheet HTML 35Page - International Rectifier SL40307A-R19KHF Datasheet HTML 36Page - International Rectifier SL40307A-R19KHF Datasheet HTML 37Page - International Rectifier SL40307A-R19KHF Datasheet HTML 38Page - International Rectifier SL40307A-R19KHF Datasheet HTML 39Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
IR3846
35 www.irf.com
© 2013 International Rectifier
August 01, 2013
1
1
95
.
0
2
)
_
(
Rsns
VREF
V
Rsns
TH
PGood
out


(37)
Rsns2 = 4.02 kΩ, Select 4.02 kΩ.
OVP comparator also uses Vsns signal for Over-
Voltage detection. With above values for Rsns2 and
Rsns1, OVP trip point (Vout_OVP) is

1
2
1
2
.
1
_
Rsns
Rsns
Rsns
VREF
Vout
OVP
(38)
Vout_OVP = 1.44 V
Selecting Power Good Pull-Up Resistor
The PGood is an open drain output and require pull
up resistors to VCC. The value of the pull-up resistors
should limit the current flowing into the PGood pin to
less than 5mA. A typical value used is 10kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com