Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 12 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 12 Page - International Rectifier

Back Button SL40307A-R19KHF Datasheet HTML 8Page - International Rectifier SL40307A-R19KHF Datasheet HTML 9Page - International Rectifier SL40307A-R19KHF Datasheet HTML 10Page - International Rectifier SL40307A-R19KHF Datasheet HTML 11Page - International Rectifier SL40307A-R19KHF Datasheet HTML 12Page - International Rectifier SL40307A-R19KHF Datasheet HTML 13Page - International Rectifier SL40307A-R19KHF Datasheet HTML 14Page - International Rectifier SL40307A-R19KHF Datasheet HTML 15Page - International Rectifier SL40307A-R19KHF Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
IR3846
12 www.irf.com
© 2013 International Rectifier
August 01, 2013
TYPICAL EFFICIENCY AND POWER LOSS CURVES
PVin = 12V, Vin = VCC = 5V, Io=0-35A, Fs= 600kHz, Room Temperature, LFM=200. Note that the losses of the
inductor, input and output capacitors are also considered in the efficiency and power loss curves. The table
below shows the indicator used for each of the output voltages in the efficiency measurement.
VOUT (V)
LOUT (uH)
P/N
DCR (mΩ)
1.2
0.25
744309025 (Wurth Electronik)
0.165
1.8
0.33
744309033 (Wurth Electronik)
0.165
3.3
0.33
744309033 (Wurth Electronik)
0.165
5.0
0.33
744309033 (Wurth Electronik)
0.165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com