Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 34 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 34 Page - International Rectifier

Back Button SL40307A-R19KHF Datasheet HTML 30Page - International Rectifier SL40307A-R19KHF Datasheet HTML 31Page - International Rectifier SL40307A-R19KHF Datasheet HTML 32Page - International Rectifier SL40307A-R19KHF Datasheet HTML 33Page - International Rectifier SL40307A-R19KHF Datasheet HTML 34Page - International Rectifier SL40307A-R19KHF Datasheet HTML 35Page - International Rectifier SL40307A-R19KHF Datasheet HTML 36Page - International Rectifier SL40307A-R19KHF Datasheet HTML 37Page - International Rectifier SL40307A-R19KHF Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
IR3846
34 www.irf.com
© 2013 International Rectifier
August 01, 2013
to the RSA, β = 1. Please refer to the Remote
Sensing Amplifier section)
Lo
= 0.250 µH
Co = 6 x 100µF, ESR≈3mΩ each
It must be noted here that the value of the
capacitance used in the compensator design must be
the small signal value. For instance, the small signal
capacitance of the 100µF capacitor used in this
design is 56µF at 1.2 V DC bias and 600 kHz
frequency. It is this value that must be used for all
computations related to the compensation. The small
signal value may be obtained from the manufacturer’s
datasheets,
design
tools
or
SPICE
models.
Alternatively, they may also be inferred from
measuring the power stage transfer function of the
converter and measuring the double pole frequency
FLC and using equation (20) to compute the small
signal Co.
These result to:
FLC = 17.4 kHz
FESR = 947 kHz
Fs/2 = 300 kHz
Select crossover frequency F0=100 kHz
Since FLC<F0<Fs/2<FESR, Type III is selected to place
the pole and zeros.
Detailed calculation of compensation Type III:
Desired Phase Margin Θ = 70°
sin
1
sin
1
2
o
Z
F
F
14.1 kHz
sin
1
sin
1
2
o
P
F
F
567.1 kHz
Select:
2
1
5
.
0
Z
Z
F
F
7.05 kHz and
s
P
F
F
5
.
0
3
300 kHz
Select C4 = 2.2nF.
Calculate R3, C3 and C2:
in
osc
o
o
o
V
C
V
C
L
F
R
4
3
2
; R3 = 3.60 kΩ,
Select: R3 = 2.7 kΩ
3
1
3
2
1
R
F
C
Z
; C3 = 8.49 nF,
Select: C3 = 8.2 nF
3
3
2
2
1
R
F
C
P
; C2 = 196 pF,
Select: C2 = 160 pF
Calculate R4, R5 and R6:
2
4
4
2
1
P
F
C
R
; R4 = 127.6 Ω,
Select R4 = 127 Ω
2
4
5
2
1
Z
F
C
R
; R5 = 5.13 kΩ,
Select R5 = 4.02 kΩ

5
6
R
V
V
V
R
ref
o
ref
; R6 = 4.02 kΩ,
Select R6 = 4.02 kΩ
If (β x Vo) equals Vref, R6 is not used.
Setting the Power Good Threshold
In this design IR3846, the PGood outer limits are set
at 95% and 120% of VREF. PGood signal is asserted
1.3ms after Vsns voltage reaches 0.95*0.6V=0.57V
(Figure 37)
. As long as the Vsns voltage is between
the threshold ranges, Enable is high, and no fault
happens, the PGood remains high.
The following formula can be used to set the PGood
threshold. Vout (PGood_TH) can be taken as 95% of Vout.
Choose Rsns1=4.02 KΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com