Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 49 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 49 Page - International Rectifier

Back Button SL40307A-R19KHF Datasheet HTML 45Page - International Rectifier SL40307A-R19KHF Datasheet HTML 46Page - International Rectifier SL40307A-R19KHF Datasheet HTML 47Page - International Rectifier SL40307A-R19KHF Datasheet HTML 48Page - International Rectifier SL40307A-R19KHF Datasheet HTML 49Page - International Rectifier SL40307A-R19KHF Datasheet HTML 50Page - International Rectifier SL40307A-R19KHF Datasheet HTML 51Page - International Rectifier SL40307A-R19KHF Datasheet HTML 52Page - International Rectifier SL40307A-R19KHF Datasheet HTML 53Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
IR3846
49 www.irf.com
© 2013 International Rectifier
August 01, 2013
STENCIL DESIGN
 Stencils for PQFN can be used with thicknesses of 
0.100-0.250mm  (0.004-0.010").  Stencils  thinner 
than  0.100mm  are  unsuitable  because  they 
deposit  insufficient  solder  paste  to  make  good 
solder  joints  with  the  ground  pad;  high 
reductions  sometimes  create  similar  problems. 
Stencils  in  the  range  of  0.125mm-0.200mm 
(0.005-0.008"), with suitable reductions, give the 
best results.  
 Evaluations  have  shown  that  the  best  overall 
performance is achieved using the stencil design 
shown  in  following  figure.  This  design  is  for  a 
stencil  thickness  of  0.127mm  (0.005").  The 
reduction should be adjusted for stencils of other 
thicknesses.  
SOLDER PASTE STENCIL PAD SIZES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com