Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 23 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 23 Page - International Rectifier

Back Button SL40307A-R19KHF Datasheet HTML 19Page - International Rectifier SL40307A-R19KHF Datasheet HTML 20Page - International Rectifier SL40307A-R19KHF Datasheet HTML 21Page - International Rectifier SL40307A-R19KHF Datasheet HTML 22Page - International Rectifier SL40307A-R19KHF Datasheet HTML 23Page - International Rectifier SL40307A-R19KHF Datasheet HTML 24Page - International Rectifier SL40307A-R19KHF Datasheet HTML 25Page - International Rectifier SL40307A-R19KHF Datasheet HTML 26Page - International Rectifier SL40307A-R19KHF Datasheet HTML 27Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
IR3846
23 www.irf.com
© 2013 International Rectifier
August 01, 2013
Figure 15: Timing Diagram for Feed-Forward (F.F.)
Function
SMART LOW DROPOUT REGULATOR (LDO)
IR3846 has an integrated low dropout (LDO) regulator
which can provide gate drive voltage for both drivers.
In order to improve overall efficiency over the whole
load range, LDO voltage is set to 6.8V (typ.) at mid- or
heavy load condition to reduce Rds(on) and thus
MOSFET conduction loss; and it is reduced to 4.4V
(typ.) at light load condition to reduce gate drive loss.
The smart LDO selects its output voltage according to
the load condition by sensing the inductor current (IL).
At light load condition, the inductor current can fall
below zero as shown in Figure  16. A zero crossing
comparator is used to detect when the inductor
current falls below zero at the LDrv Falling Edge. If the
comparator detects zero crossing events for 256
consecutive switching cycles, the smart LDO reduces
its output to 4.4V. The LDO voltage will remain low
until a zero crossing is not detected. Once a zero
crossing is not detected, the counter is reset and LDO
voltage returns to 6.8V. Figure 16 shows the timing
diagram. Whenever the device turns on, LDO always
starts with 6.8V, then goes to 4.4V / 6.8V depending
upon the load condition.
However, if only Vin is
applied with Enable low, the LDO output is 4.4V.
Figure 16: Time Diagram for Smart LDO
Users can configure the IR3846 to use a single supply
or dual supplies. Depending on the configuration used
the PVin, Vin and VCC pins are connected differently.
Below several configurations are shown.
In an
internally biased configuration, the LDO draws from
the Vin pin and provides a gate drive voltage, as
shown in Figure 17. By connecting Vin and PVin
together as shown in the Figure 18, IR3846 is an
internally biased single supply configuration that runs
off a single supply.
IR3846 can also use an external bias to provide gate
drive voltage for the drivers instead of the internal
LDO. To use an external bias, connected Vin and
VCC to the external bias. PVin can use a separate rail
as shown in Figure 19 or run off the same rail as Vin
and VCC.
Figure 17: Internally Biased Configuration
Figure 18: Internally Biased Single Supply
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com