Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 36 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 36 Page - International Rectifier

Back Button SL40307A-R19KHF Datasheet HTML 32Page - International Rectifier SL40307A-R19KHF Datasheet HTML 33Page - International Rectifier SL40307A-R19KHF Datasheet HTML 34Page - International Rectifier SL40307A-R19KHF Datasheet HTML 35Page - International Rectifier SL40307A-R19KHF Datasheet HTML 36Page - International Rectifier SL40307A-R19KHF Datasheet HTML 37Page - International Rectifier SL40307A-R19KHF Datasheet HTML 38Page - International Rectifier SL40307A-R19KHF Datasheet HTML 39Page - International Rectifier SL40307A-R19KHF Datasheet HTML 40Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
IR3846
36 www.irf.com
© 2013 International Rectifier
August 01, 2013
TYPICAL APPLICATION
INTERNALLY BIASED SINGLE SUPPLY
IR3846
Boot
SW
FB
VSNS
Vcc
PGood
Vin
PGND
AGND
Vp
Vref
Rt/Sync
Comp
RS+
RS-
RSo
Cpvin2
Cboot
Lo
Cout
Cref
Cvcc
Rpg
Rt
Cvin
39.2 K
10 K
10uF
100pF
Vin
0.1uF
6  x 100uF
0.250uH
7 x 22uF
Cpvin3
0.1uF
1uF
Ren1
7.5 K
Ren2
49.9 K
Cc3
160pF
Cc2
8.2nF
Cc1
2200pF
Rbode
20
Rfb2
4.02 K
Rfb1
4.02 K
Rsns2
4.02 K
Rsns1
4.02 K
Rc2
2.7 K
Rc1
127
Vo
PGood
Cpvin1
330uF
PVin
En
OCselect
Co1
0.1 uF
S_Ctrl
Figure 37: Application circuit for a 12V to 1.2V, 21A Point of Load Converter Using the Internal LDO
Suggested Bill of Material for application circuit 12V to 1.2V
Part Reference
Qty
Value
Description
Manufacturer
Part Number
Cpvin1
1
330uF
SMD, electrolytic, 25V, 20%
Panasonic
EEV-FK1E331P
Cpvin2
7
22uF
1206, 25V, X5R, 10%
Murata
GRM31CR61E226KE15L
Cref
1
100pF
0603, 50V, C0G, 5%
Murata
GRM1885C1H101JA01D
Cvin
1
1.0uF
0603, 25V, X5R, 20%
Murata
GRM188R61E105KA12D
Cvcc
1
10uF
0603, 10V, X5R, 20%
TDK
C1608X5R1A106M
Cpvin3 Cboot Co1
3
0.1uF
0603, 25V, X7R, 10%
Murata
GRM188R71E104KA01D
Cc1
1
2200pF
0603, 50V, X7R, 10%
Murata
GRM188R71H222KA01D
Cc2
1
8.2nF
0603, 50V, X7R, 10%
Murata
GRM188R71H822KA01D
Cc3
1
160pF
0603, 50V, NPO, 5%
Murata
GRM1885C1H161JA01D
Cout1
6
100uF
1206, 6.3V, X5R, 20%
Murata
GRM31CR60J107ME39L
L0
1
0.250uH
250nH,14x13x9mm
DCR=0.165ohm
Wurth
Electronik Inc.
744309025
Rbd
1
20
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF20R0V
Rc1
1
127
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF1270V
Rc2
1
2.7K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF2701V
Ren1
1
7.5K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF7501V
Ren2
1
49.9K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF4992V
Rfb1 Rfb2
Rsns1Rsns1
4
4.02K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF4021V
Rt
1
39.2K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF3922V
Rpg
1
10K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF1002V
U1
1
IR3846
PQFN 5x7mm
International
Rectifier
IR3846MPBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com