Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 27 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 27 Page - International Rectifier

Back Button SL40307A-R19KHF Datasheet HTML 23Page - International Rectifier SL40307A-R19KHF Datasheet HTML 24Page - International Rectifier SL40307A-R19KHF Datasheet HTML 25Page - International Rectifier SL40307A-R19KHF Datasheet HTML 26Page - International Rectifier SL40307A-R19KHF Datasheet HTML 27Page - International Rectifier SL40307A-R19KHF Datasheet HTML 28Page - International Rectifier SL40307A-R19KHF Datasheet HTML 29Page - International Rectifier SL40307A-R19KHF Datasheet HTML 30Page - International Rectifier SL40307A-R19KHF Datasheet HTML 31Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
IR3846
27 www.irf.com
© 2013 International Rectifier
August 01, 2013
Vsns voltage is set by the voltage divider connected to
the output and it can be programmed externally.
Figure 27 shows the timing diagram for OVP in non-
tracking mode.
Figure 27: Timing Diagram for OVP in non-tracking
mode
SOFT-START / SOFT-STOP (S_CTRL)
S_Ctrl allows for the gradual charging and discharging
of Vout to its final value by controlling the Soft-Start
and Soft-Stop functions. Soft-Start and Soft-Stop is
the gradual charging and discharging of Vout,
respectfully. Both functions use the internal Intl_SS
ramp to regulate the rate Vout charges and
discharges. Soft-Start feature is enabled when S_Ctrl
and EN are asserted high. S_Ctrl is internally pulled
high, so that EN typically controls the rise of Vout. To
delay the charging of Vout, keep S_Ctrl low while
setting EN. Then assert S_Ctrl high to initiate the
Intl_SS ramp (Soft-Start). Vout follows Intl_SS and
ramps up until it reaches its steady state. For Soft-
Stop, S_Ctrl needs to be pulled low before EN goes
low. When S_Ctrl falls below its lower threshold,
Intl_SS becomes a decreasing ramp with the same
rate as the Soft-Start ramp. Vout follows this ramp and
discharges softly until completely shut down. Figure
28 shows the timing diagram of S_Ctrl controlled soft-
start and soft-stop.
If the Enable pin goes low before S_Ctrl, the converter
shuts down without Soft-Stop. Both gate drivers are
turned off immediately and Vout discharges to zero.
Figure 29 shows the timing diagram of Enable
controlled soft-start and soft-stop.
0
0
0
Intl
_SS
S_Ctrl
Vout
0
Enable
0.15V
0.65V
0.15V
0.65V
Figure 28: Timing Diagram for S_Ctrl controlled Soft-
Start / Soft-Stop
0
0
0
Intl
_SS
S_Ctrl
Vout
0.15V
0
Enable
1.2V
1.0V
0.65V
Figure 29: Timing Diagram for Enable controlled Soft-
Start / Shutdown
BODY BRAKING
TM
The Body Braking feature of the IR3846 allows
improved transient response for step-down load
transients. A severe step-down load transient would
cause an overshoot in the output voltage and drive the
Comp pin voltage down until control saturation occurs
demanding 0% duty cycle and the PWM input to the
Control FET driver is kept OFF. When the first such
skipped pulse occurs, the IR3846 enters Body Braking
mode, wherein the Sync FET also turned OFF. The
inductor current then decays by freewheeling through
the body diode of the Sync FET. Thus, with Body
Braking, the forward voltage drop of the body diode
provides and additional voltage to discharge the
inductor current faster to the light load value as shown
in equation (3) and equation (4) below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com