Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 29 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 29 Page - International Rectifier

Back Button SL40307A-R19KHF Datasheet HTML 25Page - International Rectifier SL40307A-R19KHF Datasheet HTML 26Page - International Rectifier SL40307A-R19KHF Datasheet HTML 27Page - International Rectifier SL40307A-R19KHF Datasheet HTML 28Page - International Rectifier SL40307A-R19KHF Datasheet HTML 29Page - International Rectifier SL40307A-R19KHF Datasheet HTML 30Page - International Rectifier SL40307A-R19KHF Datasheet HTML 31Page - International Rectifier SL40307A-R19KHF Datasheet HTML 32Page - International Rectifier SL40307A-R19KHF Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
IR3846
29 www.irf.com
© 2013 International Rectifier
April 29, 2013 | V1.0
TYPICAL OPERATING WAVEFORM
DESIGN EXAMPLE
The following example is a typical application for
IR3846. The application circuit is shown in Figure 37.
Vin = PVin = 12V
Fs = 600kHz
Vo = 1.2V
Io = 35A
Ripple Voltage = ± 1% * Vo
∆Vo = ± 4% * Vo (for 30% load transient)
Enabling the IR3846
As explained earlier, the precise threshold of the
Enable lends itself well to implementation of a UVLO
for the Bus Voltage as shown in Figure 31.
Figure 31: Using Enable pin for UVLO implementation
For a typical Enable threshold of VEN = 1.2 V
2
.
1
2
1
2
(min)
EN
in
V
R
R
R
PV
(10)
EN
in
EN
V
PV
V
R
R
(min)
1
2
(11)
For PVin (min)=9.2V, R1=49.9K and R2=7.5K ohm is a
good choice.
Programming the frequency
For Fs = 600 kHz, select Rt = 39.2 KΩ, using Table 1.
Output Voltage Programming
Output voltage is programmed by reference voltage
and external voltage divider. The FB pin is the
inverting input of the error amplifier, which is internally
referenced to VREF. The divider ratio is set to equal
VREF at the FB pin when the output is at its desired
value. When an external resistor divider is connected
to the output as shown in Figure 32, the output
voltage is defined by using the following equation:


6
5
1
R
R
V
V
ref
o
(12)
ref
o
ref
V
V
V
R
R
5
6
(13)
For the calculated values of R5 and R6, see feedback
compensation section.
Figure 32: Typical application of the IR3846 for
programming the output voltage
Bootstrap Capacitor Selection
To drive the Control FET, it is necessary to supply a
gate voltage at least 4V greater than the voltage at the
SW pin, which is connected to the source of the
Control FET. This is achieved by using a bootstrap
configuration, which comprises the internal bootstrap
diode and an external bootstrap capacitor (C1). The
operation of the circuit is as follows: When the sync
FET is turned on, the capacitor node connected to SW
is pulled down to ground. The capacitor charges
towards Vcc through the internal bootstrap diode
(Figure 33), which has a forward voltage drop VD. The
voltage Vc across the bootstrap capacitor C1 is
approximately given as:
D
cc
c
V
V
V
(14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com