Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 5 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 5 Page - International Rectifier

  SL40307A-R19KHF Datasheet HTML 1Page - International Rectifier SL40307A-R19KHF Datasheet HTML 2Page - International Rectifier SL40307A-R19KHF Datasheet HTML 3Page - International Rectifier SL40307A-R19KHF Datasheet HTML 4Page - International Rectifier SL40307A-R19KHF Datasheet HTML 5Page - International Rectifier SL40307A-R19KHF Datasheet HTML 6Page - International Rectifier SL40307A-R19KHF Datasheet HTML 7Page - International Rectifier SL40307A-R19KHF Datasheet HTML 8Page - International Rectifier SL40307A-R19KHF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
IR3846
5 www.irf.com
© 2013 International Rectifier
August 01, 2013
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications are not implied.
PVin
-0.3V to 25V
Vin
-0.3V to 25V
VCC
-0.3V to 8V (Note 1)
SW
-0.3V to 25V (DC), -4V to 25V (AC, 100ns)
BOOT
-0.3V to 33V
BOOT to SW
-0.3V to VCC + 0.3V (Note 2)
Input/Output pins
-0.3V to 3.9V
RS+, RS-, RSo, PGD, Enable, OCset, S_Ctrl
-0.3V to 8V (Note 1)
PGND to LGND, RS- to LGND
-0.3V to + 0.3V
Junction Temperature Range
-40°C to 150°C
Storage Temperature Range
-55°C to 150°C
ESD
Machine Model
Class A
Human Body Model
Class 1C
Charged Device Model
Class III
Moisture Sensitivity level
JEDEC Level 3 @ 260°C
RoHS Compliant
Yes
Note:
1. VCC must not exceed 7.5V for Junction Temperature between -10°C and -40°C.
2. Must not exceed 8V.
THERMAL INFORMATION
Thermal Resistance, Junction to Case (θJC_TOP)
30 °C/W
Thermal Resistance, Junction to PCB (θJB)
2.71 °C/W
Thermal Resistance, Junction to Ambient (θJA) (Note 3)
14.3 °C/W
Note:
3. Thermal resistance (θJA) is measured with components mounted on a high effective thermal conductivity
test board in free air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com