Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40307A-R19KHF Datasheet(PDF) 22 Page - International Rectifier

Part # SL40307A-R19KHF
Description  Single-Input Voltage, Synchronous Buck Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SL40307A-R19KHF Datasheet(HTML) 22 Page - International Rectifier

Back Button SL40307A-R19KHF Datasheet HTML 18Page - International Rectifier SL40307A-R19KHF Datasheet HTML 19Page - International Rectifier SL40307A-R19KHF Datasheet HTML 20Page - International Rectifier SL40307A-R19KHF Datasheet HTML 21Page - International Rectifier SL40307A-R19KHF Datasheet HTML 22Page - International Rectifier SL40307A-R19KHF Datasheet HTML 23Page - International Rectifier SL40307A-R19KHF Datasheet HTML 24Page - International Rectifier SL40307A-R19KHF Datasheet HTML 25Page - International Rectifier SL40307A-R19KHF Datasheet HTML 26Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
IR3846
22 www.irf.com
© 2013 International Rectifier
August 01, 2013
(< VCC-1.5V)
RSA
+
-
+
-
RS+
RS-
RSo
Vout
FB
Resistor Divider
Figure 12: General Remote Sense Configuration
Figure 13: Remote Sense Configuration for Vout less
than VCC-1.5V
EXTERNAL SYNCHRONIZATION
IR3846 incorporates an internal phase lock loop (PLL)
circuit which enables synchronization of the internal
oscillator to an external clock. This function is
important to avoid sub-harmonic oscillations due to
beat frequency for embedded systems when multiple
point-of-load (POL) regulators are used. A multi-
function pin, Rt/Sync, is used to connect the external
clock. If the external clock is present before the
converter turns on, Rt/Sync pin can be connected to
the external clock signal solely and no other resistor is
needed. If the external clock is applied after the
converter turns on, or the converter switching
frequency needs to toggle between the external clock
frequency and the internal free-running frequency, an
external resistor from Rt/Sync pin to LGnd is required
to set the free-running frequency.
When an external clock is applied to Rt/Sync pin after
the converter runs in steady state with its free-running
frequency,
a
transition
from
the
free-running
frequency to the external clock frequency will happen.
This transition is to gradually make the actual
switching frequency equal to the external clock
frequency, no matter which one is higher. When the
external clock signal is removed from Rt/Sync pin, the
switching frequency is also changed to free-running
gradually. In order to minimize the impact from these
transitions to output voltage, a diode is recommended
to add between the external clock and Rt/Sync pin.
Figure 14 shows the timing diagram of these
transitions.
An internal circuit is used to change the PWM ramp
slope according to the clock frequency applied on
Rt/Sync pin. Even though the frequency of the
external synchronization clock can vary in a wide
range, the PLL circuit keeps the ramp amplitude
constant, requiring no adjustment of the loop
compensation. PVin variation also affects the ramp
amplitude, which will be discussed separately in Feed-
Forward section.
SW
SYNC
...
...
Graduallychange
Fs1
Fs2
Fs1
FreeRunning
Frequency
Synchronizetothe
external clock
Returntofree-
runningfreq
Graduallychange
Figure 14: Timing Diagram for Synchronization
to the external clock (Fs1>Fs2 or Fs1<Fs2)
FEED-FORWARD
Feed-Forward (F.F.) is an important feature, because
it can keep the converter stable and preserve its load
transient performance when PVin varies. The PWM
ramp amplitude (Vramp) is proportionally changed
with PVin to maintain PVin/Vramp almost constant
throughout PVin variation range (as shown in Figure
15). The PWM ramp amplitude is adjusted to 0.15 of
PVin. Thus, the control loop bandwidth and phase
margin can be maintained constant. Feed-forward
function can also minimize impact on output voltage
from fast PVin change. F.F. is disabled when
PVin<6.2V and the PWM ramp is typically 0.9V. For
PVin<6.2V, PVin voltage should be accounted for
when calculating control loop parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com