Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 4 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 4 Page - Analog Devices

  AD13280/PCB Datasheet HTML 1Page - Analog Devices AD13280/PCB Datasheet HTML 2Page - Analog Devices AD13280/PCB Datasheet HTML 3Page - Analog Devices AD13280/PCB Datasheet HTML 4Page - Analog Devices AD13280/PCB Datasheet HTML 5Page - Analog Devices AD13280/PCB Datasheet HTML 6Page - Analog Devices AD13280/PCB Datasheet HTML 7Page - Analog Devices AD13280/PCB Datasheet HTML 8Page - Analog Devices AD13280/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD13280
Rev. C | Page 4 of 28
SPECIFICATIONS
AVCC = +5 V, AVEE = −5 V, DVCC = +3.3 V; applies to each ADC with front-end amplifier, unless otherwise noted.
Table 1.
AD13280AZ
Parameter
Temperature
Test Level
Min
Typ
Max
Unit
RESOLUTION
12
Bits
DC ACCURACY1
No Missing Codes
Full
IV
Guaranteed
Offset Error
25°C
I
−2.2
±1.0
+2.2
% FS
Full
VI
−2.2
±1.0
+2.2
% FS
Offset Error Channel Match
Full
VI
−1.0
±0.1
+1.0
%
Gain Error2
25°C
I
−3
−1.0
+1
% FS
Full
VI
−5.0
±2.0
+5.0
% FS
Gain Error Channel Match
25°C
I
−1.5
±0.5
+1.5
%
Max
VI
−3.0
±1.0
+3.0
%
Min
VI
−5
±1.0
+5
%
SINGLE-ENDED ANALOG INPUT
Input Voltage Range
AMP-IN-X-1
Full
V
±0.5
V
AMP-IN-X-2
Full
V
±1.0
V
Input Resistance
AMP-IN-X-1
Full
IV
99
100
101
Ω
AMP-IN-X-2
Full
IV
198
200
202
Ω
Capacitance
25°C
V
4.0
7.0
pF
Analog Input Bandwidth3
Full
V
143
MHz
DIFFERENTIAL ANALOG INPUT
Analog Signal Input Range
A+IN to A–IN and B+IN to B−IN4
Full
V
±1
V
Input Impedance
25°C
V
618
Ω
Analog Input Bandwidth
Full
V
50
MHz
ENCODE INPUT (ENCODE, ENCODE)1
Differential Input Voltage
Full
IV
0.4
V p-p
Differential Input Resistance
25°C
V
10
kΩ
Differential Input Capacitance
25°C
V
2.5
pF
SWITCHING PERFORMANCE
Maximum Conversion Rate5
Full
VI
80
MSPS
Minimum Conversion Rate5
Full
IV
30
MSPS
Aperture Delay (tA)
25°C
V
0.9
ns
Aperture Delay Matching
25°C
IV
250
500
ps
Aperture Uncertainty (Jitter)
25°C
V
0.3
ps rms
ENCODE Pulse Width High at Max Conversion Rate
25°C
IV
4.75
6.25
8
ns
ENCODE Pulse Width Low at Max Conversion Rate
25°C
IV
4.75
6.25
8
ns
Output Delay (tOD)
Full
V
5
ns
Encode, Rising to Data Ready, Rising Delay
Full
V
8.5
ns
SNR1, 6
Analog Input @ 10 MHz
25°C
I
66.5
70
dBFS
Min
II
64.5
dBFS
Max
II
66.3
dBFS
Analog Input @ 21 MHz
25°C
I
66.5
70
dBFS
Min
II
64
dBFS
Max
II
66.3
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com