Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 16 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD13280/PCB Datasheet HTML 12Page - Analog Devices AD13280/PCB Datasheet HTML 13Page - Analog Devices AD13280/PCB Datasheet HTML 14Page - Analog Devices AD13280/PCB Datasheet HTML 15Page - Analog Devices AD13280/PCB Datasheet HTML 16Page - Analog Devices AD13280/PCB Datasheet HTML 17Page - Analog Devices AD13280/PCB Datasheet HTML 18Page - Analog Devices AD13280/PCB Datasheet HTML 19Page - Analog Devices AD13280/PCB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD13280
Rev. C | Page 16 of 28
POWER SUPPLIES
Care should be taken when selecting a power source. Linear
supplies are strongly recommended. Switching supplies tend
to have radiated components that may be received by the
AD13280. Each of the power supply pins should be decoupled
as close as possible to the package using 0.1 μF chip capacitors.
The AD13280 has separate digital and analog power supply
pins. The analog supplies are denoted AVCC, and the digital
supply pins are denoted DVCC. AVCC and DVCC should be
separate power supplies because the fast digital output swings
can couple switching current back into the analog supplies.
Note that AVCC must be held within 5% of 5 V. The AD13280 is
specified for DVCC = 3.3 V because this is a common supply for
digital ASICs.
OUTPUT LOADING
Care must be taken when designing the data receivers for the
AD13280. The digital outputs drive an internal series resistor
(for example, 100 Ω) followed by a gate like 75LCX574. To
minimize capacitive loading, there should be only one gate on
each output pin. An example of this is shown in the evaluation
board schematic (see Figure 20). The digital outputs of the
AD13280 have a constant output slew rate of 1 V/ns.
A typical CMOS gate combined with a PCB trace has a load of
approximately 10 pF. Therefore, as each bit switches, 10 mA
(10 pF × 1 V ÷ 1 ns) of dynamic current per bit flows in or out
of the device. A full-scale transition can cause up to 120 mA
(12 bits × 10 mA/bit) of transient current through the output
stages. These switching currents are confined between ground
and the DVCC pin. Standard TTL gates should be avoided
because they can appreciably add to the dynamic switching
currents of the AD13280. It should also be noted that extra
capacitive loading increases output timing and invalidates
timing specifications. Digital output timing is guaranteed with
10 pF loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com