Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 8 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD13280/PCB Datasheet HTML 4Page - Analog Devices AD13280/PCB Datasheet HTML 5Page - Analog Devices AD13280/PCB Datasheet HTML 6Page - Analog Devices AD13280/PCB Datasheet HTML 7Page - Analog Devices AD13280/PCB Datasheet HTML 8Page - Analog Devices AD13280/PCB Datasheet HTML 9Page - Analog Devices AD13280/PCB Datasheet HTML 10Page - Analog Devices AD13280/PCB Datasheet HTML 11Page - Analog Devices AD13280/PCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD13280
Rev. C | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
61
62
63
64
65
66
67
68
1
2
3
5
6
7
8
9
4
10
26
11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
PIN 1
IDENTIFIER
AD13280
TOP VIEW
(Not to Scale)
D10A
DROUTB
D0B (LSB)
AGNDA
AGNDA
AMP-OUT-A
A+IN
A–IN
AGNDA
AMP-IN-A-2
AMP-IN-A-1
AGNDB
SHIELD
D1B
D2B
D3B
AGNDB
B–IN
B+IN
AGNDB
AMP-IN-B-2
AMP-OUT-B
AMP-IN-B-1
DGNDB
NC
SHIELD
D11A (MSB)
D8A
D9A
D7A
D6A
DGNDA
NC = NO CONNECT
NC
44
45
46
47
48
49
50
51
60 59 58 57 56 55 54 53 52
DROUTA
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 35
SHIELD
Internal Ground Shield Between Channels.
2, 3, 9, 10, 13, 16
AGNDA
A Channel Analog Ground. A and B grounds should be connected as close to the device as possible.
4
A−IN
Inverting Differential Input (Gain = +1).
5
A+IN
Noninverting Differential Input (Gain = +1).
6
AMP-OUT-A
Single-Ended Amplifier Output (Gain = +2).
7
AMP-IN-A-1
Analog Input for A Side ADC (Nominally ±0.5 V).
8
AMP-IN-A-2
Analog Input for A Side ADC (Nominally ±1.0 V).
11
AVEEA
A Channel Analog Negative Supply Voltage (Nominally −5.0 V or −5.2 V).
12
AVCCA
A Channel Analog Positive Supply Voltage (Nominally +5.0 V).
14
ENCODEA
Complement of ENCODEA. Differential input.
15
ENCODEA
Encode Input. Conversion initiated on rising edge.
17
DVCCA
A Channel Digital Positive Supply Voltage (Nominally +5.0 V/+3.3 V).
18, 19, 37, 38
NC
No Connect.
20 to 25, 28 to 33
D0A to
D11A
Digital Outputs for ADC A. D0 (LSB).
26, 27
DGNDA
A Channel Digital Ground.
34
DROUTA
Data Ready A Output.
36
DROUTB
Data Ready B Output.
39 to 42, 45 to 52
D0B to
D11B
Digital Outputs for ADC B. D0 (LSB).
43, 44
DGNDB
B Channel Digital Ground.
53
DVCCB
B Channel Digital Positive Supply Voltage (Nominally +5.0 V/+3.3 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com