Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD13280/PCB Datasheet HTML 13Page - Analog Devices AD13280/PCB Datasheet HTML 14Page - Analog Devices AD13280/PCB Datasheet HTML 15Page - Analog Devices AD13280/PCB Datasheet HTML 16Page - Analog Devices AD13280/PCB Datasheet HTML 17Page - Analog Devices AD13280/PCB Datasheet HTML 18Page - Analog Devices AD13280/PCB Datasheet HTML 19Page - Analog Devices AD13280/PCB Datasheet HTML 20Page - Analog Devices AD13280/PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD13280
Rev. C | Page 17 of 28
EVALUATION BOARD
The AD13280 evaluation board (see Figure 20) is designed to
provide optimal performance for evaluation of the AD13280
analog-to-digital converter. The board encompasses everything
needed to ensure the highest level of performance for evaluating
the AD13280. The board requires an analog input signal, encode
clock, and power supply inputs. The clock is buffered on-board
to provide clocks for the latches. The digital outputs and out
clocks are available at the standard 40-pin connectors J1 and J2.
Power to the analog supply pins is connected via banana jacks.
The analog supply powers the associated components and the
analog section of the AD13280. The digital outputs of the
AD13280 are powered via banana jacks with 3.3 V. Contact the
factory if additional layout or applications assistance is required.
LAYOUT INFORMATION
The schematics of the evaluation board (Figure 21, Figure 22,
and Figure 23) represent a typical implementation of the
AD13280. The pinout of the AD13280 is very straightforward
and facilitates ease of use and the implementation of high
frequency/high resolution design practices. It is recommended
that high quality ceramic chip capacitors be used to decouple
each supply pin to ground directly at the device. All capacitors
can be standard, high quality ceramic chip capacitors.
Care should be taken when placing the digital output runs.
Because the digital outputs have such a high slew rate, the
capacitive loading on the digital outputs should be minimized.
Circuit traces for the digital outputs should be kept short and
should connect directly to the receiving gate. Internal circuitry
buffers the outputs of the ADC through a resistor network to
eliminate the need to externally isolate the device from the
receiving gate.
Figure 20. Evaluation Board Mechanical Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com