Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 26 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 26 Page - Analog Devices

Back Button AD13280/PCB Datasheet HTML 20Page - Analog Devices AD13280/PCB Datasheet HTML 21Page - Analog Devices AD13280/PCB Datasheet HTML 22Page - Analog Devices AD13280/PCB Datasheet HTML 23Page - Analog Devices AD13280/PCB Datasheet HTML 24Page - Analog Devices AD13280/PCB Datasheet HTML 25Page - Analog Devices AD13280/PCB Datasheet HTML 26Page - Analog Devices AD13280/PCB Datasheet HTML 27Page - Analog Devices AD13280/PCB Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD13280
Rev. C | Page 26 of 28
ORDERING GUIDE
Model
Temperature Range1
Package Description
Package Option
AD13280AZ2
−25°C to +85°C
68-Lead Ceramic Leaded Chip Carrier [CLCC]
ES-68-C
AD13280AF
−25°C to +85°C
68-Lead Ceramic Leaded Chip Carrier with Nonconductive Tie-Bar [CLCC]
ES-68-1
AD13280/PCB
Evaluation Board with AD13280AZ
1 Referenced temperature is case temperature.
2 Z is a package indicator; the part is not RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com