Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD13280/PCB Datasheet HTML 20Page - Analog Devices AD13280/PCB Datasheet HTML 21Page - Analog Devices AD13280/PCB Datasheet HTML 22Page - Analog Devices AD13280/PCB Datasheet HTML 23Page - Analog Devices AD13280/PCB Datasheet HTML 24Page - Analog Devices AD13280/PCB Datasheet HTML 25Page - Analog Devices AD13280/PCB Datasheet HTML 26Page - Analog Devices AD13280/PCB Datasheet HTML 27Page - Analog Devices AD13280/PCB Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD13280
Rev. C | Page 24 of 28
BILL OF MATERIALS LIST FOR EVALUATION BOARD
Table 4.
Qty
Component
Name
Reference
Value
Description
Manufacturing Part Number
2
74LCX16374MTD
U7, U8
Latch
74LCX16374MTD (Fairchild)
1
AD13280AZ
U1
AD13280
AD13280AZ
2
ADP3330
U5, U6
Regulator
ADP3330ART-3.3RL7
10
BJACK
BJ1 to BJ10
Banana jacks
108-0740-001 (Johnson Components)
2
BRES0805
R41, R53
25 Ω
0805 SM resistor
ERJ-6GEYJ 240V (Panasonic)
4
BRES0805
R38, R39, R55, R56
33 kΩ
0805 SM resistor
ERJ-6GEYJ 333V (Panasonic)
28
CAP2
C1, C2, C5 to C10,
0.1 μF
0805 SM capacitor
GRM 40X7R104K025BL
C12, C16 to C18,
C20 to C26, C28,
C31 to C38
2
CAP2
C13, C27
0.47 μF
0805 SM capacitor
VJ1206U474MFXMB (Vishay)
2
H40DM
J1, J2
2 × 20, 40-pin male connector
TSW-120-08-G-D
6
IND2
L1 to L6
47 Ω
SM inductor
2743019447
4
MC10EP16
U2, U3, U9, U11
Clock drivers
MC10EP16D (ON Semiconductor)
2
MC100EPT23
U4, U10
ECL/TTL clock drivers
SY100EP23L (ON Semiconductor)
8
POLCAP2
C3, C4, C11, C14,
10 μF
Tantalum polar capacitor
T491C106M016AT (Kemet)
C15, C19, C29, C30
4
RES2
R47 to R50
0 Ω
0805 SM resistor
ERJ-6GEY OR 00V (Panasonic)
6
RES2
R1, R2, R5, R7, R8, R54
50 Ω
0805 SM resistor
ERJ-6GEYJ 510V (Panasonic)
32
RES2
R3, R4, R6, R9, R12 to
R15, R19 to R28, R31
to R37, R42, R43, R44
to R46, R51, R52
100 Ω
0805 SM resistor
ERJ-6GEYJ 101V (Panasonic)
12
SMA
J3 to J14
SMA connectors
142-0701-201
4
Standoff
Standoff
313-2477-016 (Johnson Components)
4
Screws
Screws (standoff )
MPMS 004 0005 PH (Building Fasteners)
1
PCB
AD13280 evaluation board
GS03361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com